Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 130Page - STMicroelectronics ADE3800 Datasheet HTML 131Page - STMicroelectronics ADE3800 Datasheet HTML 132Page - STMicroelectronics ADE3800 Datasheet HTML 133Page - STMicroelectronics ADE3800 Datasheet HTML 134Page - STMicroelectronics ADE3800 Datasheet HTML 135Page - STMicroelectronics ADE3800 Datasheet HTML 136Page - STMicroelectronics ADE3800 Datasheet HTML 137Page - STMicroelectronics ADE3800 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 138 page
background image
137/138
ADE3800
Revision History
10
Revision History
Table 46: Summary of Modifications
Date
Version
Description
14 February 2003
0.1
First Draft.
03 June 2003
0.2
Second Draft.
05 September 2003
0.3
Major updates to Chapter 3: Pin Descriptions, Chapter 4: Register Description by Block and
Chapter 6: Package Mechanical Data.
24 October 2003
0.4
Major updates to all chapters.
November 2003
1.0
First Issue.
January 2004
1.1
Document changed from target specification to datasheet.
April 2004
1.3
Corrections to Figure 2: LQFP100 Pinout Diagram on page 11 and Figure 3: LQFP128 Pinout
Diagram on page 12 and to pin numbers in table on Chapter 4.17.1: Output Data.
May 2004
2.0
Major updates to Chapter 3: Pin Descriptions. New pin assignments impact on
Figure 2: LQFP100 Pinout Diagram on page 11, Figure 3: LQFP128 Pinout Diagram on page 12,
Table 3: Analog Input Signals on page 12 and Table 7: Analog Section Power Supply Pins on
page 16.
June 2004
2.1
Corrected TCON_INV_1 descriptions in Table 39: Register Map. Major updates to
Chapter 5: Electrical Specifications.
09 November 2004
3.0
Chapter 3: Pin Descriptions - Replaced pin 1 (QFP100) and pin 128 (QFP 128) name with
PLLVDD18 .
Chapter 4: Register Description by Block - Few changes applied in register description for GLBL,
OMUX, SMUX and TCON.
Chapter 5: Electrical Specifications - Many values modified following the device full
characterization.
February 2005
3.1
Updated information in Table 7: Analog Section Power Supply Pins on page 16,
Chapter 4.12.1: Parametric Gamma, Digital Contrast / Brightness on Multiple Windows and
Chapter 4.12.2: Color Space Warp.
11 Apr 2005
3.2
Updated Chip Revision ID and added GLBL_AZWC_CTRL register values in Table 9: Global
Control Registers on page 18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com