Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800 Datasheet(PDF) 124 Page - STMicroelectronics

Part # ADE3800
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800 Datasheet(HTML) 124 Page - STMicroelectronics

Back Button ADE3800 Datasheet HTML 120Page - STMicroelectronics ADE3800 Datasheet HTML 121Page - STMicroelectronics ADE3800 Datasheet HTML 122Page - STMicroelectronics ADE3800 Datasheet HTML 123Page - STMicroelectronics ADE3800 Datasheet HTML 124Page - STMicroelectronics ADE3800 Datasheet HTML 125Page - STMicroelectronics ADE3800 Datasheet HTML 126Page - STMicroelectronics ADE3800 Datasheet HTML 127Page - STMicroelectronics ADE3800 Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 138 page
background image
Electrical Specifications
ADE3800
124/138
5
Electrical Specifications
5.1
Absolute Maximum Ratings
5.2
Nominal Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD
DVDD18
XVDD18
OVDD18
PVDD18
PLLVDD18
1.8V Supply Voltages
1.95
V
DVDD33
3.3V Supply Voltages
3.6
V
VESD
Electrostatic Protection (Human Body Model)
2kV
VIN5VTOL
Max voltage on 5 volt tolerant input pins
6.1
V
VIN3VTOL
Max voltage on 3.3 volt tolerant input pins
4.1
V
TSTG
Storage temperature
-40
+150
ºC
TOPER
Operating Temperature
0+70
ºC
TJ
Operating Junction Temperature
-40
+125
ºC
Symbol
Parameter
Min.
Typ.
Max.
Unit
AVDD
DVDD18
XVDD18
OVDD18
PVDD18
PLLVDD18
1.8V Supply Voltages
1.71
1.8
1.89
V
DVDD33
3.3V Supply Voltages
3.135
3.3
3.465
V
fXTAL
Crystal Frequency
27
MHz
PXGA75LVDS
Power Consumption using XGA75Hz input and driving a XGA
LVDS panel (1 pixel per clock)
0.75
W
PXGA75RSDS
Power Consumption using XGA75Hz input and driving a XGA
RSDS panel (1 pixel per clock)
0.70
W
PSXGA75LVDS
Power Consumption using SXGA75Hz input and driving a SXGA
LVDS panel (2 pixels per clock)
1.10
W
PSXGA75RSDS
Power Consumption using SXGA75Hz input and driving a SXGA
RSDS panel (2 pixels per clock)
1.00
W
PPWRDN
Power Consumption in Power Down Mode
0.04
0.05
W
IAVDDX75LVDS
AVDD Supply Current, (XGA75Hz input and XGA LVDS panel)
220
mA
IDVDD18X75LVDS
DVDD18 Supply Current, (XGA75Hz input and XGA LVDS
panel)
150
mA
IXVDD18X75LVDS
XVDD18 Supply Current, (XGA75Hz input and XGA LVDS
panel)
2.5
mA
IOVDD18X75LVDS
OVDD18 Supply Current, (XGA75Hz input and XGA LVDS
panel)
35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com