Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 65 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 61Page - STMicroelectronics ADE3800XT Datasheet HTML 62Page - STMicroelectronics ADE3800XT Datasheet HTML 63Page - STMicroelectronics ADE3800XT Datasheet HTML 64Page - STMicroelectronics ADE3800XT Datasheet HTML 65Page - STMicroelectronics ADE3800XT Datasheet HTML 66Page - STMicroelectronics ADE3800XT Datasheet HTML 67Page - STMicroelectronics ADE3800XT Datasheet HTML 68Page - STMicroelectronics ADE3800XT Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 138 page
background image
65/138
ADE3800
Register Description by Block
PGEN_Y_TOT_L
PGEN_Y_TOT_U
0603
0604
R/W
R/W
[7:0]
[3:0]
00
00
screen total vertical size in lines
PGEN_B_TOP_BOT
0605
R/W
[7]
00
top border enable bit
R/W
[6:4]
top border R G B color enable bits
R/W
[3]
bottom border enable bit
R/W
[2:0]
bottom border R G B color enable bits
PGEN_B_LFT_RHT
0606
R/W
[7]
00
left border enable bit
R/W
[6:4]
left border R G B color enable bits
R/W
[3]
right border enable bit
R/W
[2:0]
right border R G B color enable bits
PGEN_GRID0
0607
R/W
[7:0]
00
grid ‘s row 0
0: select P0 (bar pattern)
1: select input signal (from scaler)
PGEN_GRID1
0608
R/W
[7:0]
00
grid ‘s row 1
PGEN_GRID2
0609
R/W
[7:0]
00
grid ‘s row 2
PGEN_GRID3
060A
R/W
[7:0]
00
grid ‘s row 3
PGEN_GRID4
060B
R/W
[7:0]
00
grid ‘s row 4
PGEN_GRID5
060C
R/W
[7:0]
00
grid ‘s row 5
PGEN_GRID6
060D
R/W
[7:0]
00
grid ‘s row 6
PGEN_GRID7
060E
R/W
[7:0]
00
grid ‘s row 7
PGEN_GRID_X_L
PGEN_GRID_X_U
060F
0610
R/W
R/W
[7:0]
[3:0]
00
00
grid cells width, in pixels
PGEN_GRID_Y_L
PGEN_GRID_Y_U
0611
0612
R/W
R/W
[7:0]
[3:0]
00
00
grid cells height, in lines
PGEN_GRID_X_OFFSET_L
PGEN_GRID_X_OFFSET_U
0613
0614
R/W
R/W
[7:0]
[3:0]
00
00
grid’s horizontal offset, in pixels
PGEN_GRID_Y_OFFSET_L
PGEN_GRID_Y_OFFSET_U
0615
0616
R/W
R/W
[7:0]
[3:0]
00
00
grid’s vertical offset, in lines
PGEN_P0_MODE
0617
R/W
[7:5]
00
number of bars in C0 (actual number -1)
R/W
[4:2]
number of bars in C1 (actual number -1)
R/W
[1]
cell reset enable
R/W
[0]
video replaces C0 enable
PGEN_P0_COLOR_B_C0
0618
R/W
[7:0]
00
color C0 – blue
PGEN_P0_COLOR_G_C0
0619
R/W
[7:0]
00
color C0 – green
PGEN_P0_COLOR_R_C0
061A
R/W
[7:0]
00
color C0 – red
PGEN_P0_COLOR_B_C1
061B
R/W
[7:0]
00
color C1 – blue
PGEN_P0_COLOR_G_C1
061C
R/W
[7:0]
00
color C1 – green
Table 25: Pattern Generator Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com