Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 39 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 35Page - STMicroelectronics ADE3800XT Datasheet HTML 36Page - STMicroelectronics ADE3800XT Datasheet HTML 37Page - STMicroelectronics ADE3800XT Datasheet HTML 38Page - STMicroelectronics ADE3800XT Datasheet HTML 39Page - STMicroelectronics ADE3800XT Datasheet HTML 40Page - STMicroelectronics ADE3800XT Datasheet HTML 41Page - STMicroelectronics ADE3800XT Datasheet HTML 42Page - STMicroelectronics ADE3800XT Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
39/138
ADE3800
Register Description by Block
SMEAS_H_CTRL
0111
R/W
[5]
00
Measures HSync in the condition of no VSync
R/W
[4]
Free-run enable
R/W
[3]
Edge measurement selection for horizontal period events.
0*: rising edge.
1: negative edge.
R/W
[2]
Freeze results during free run mode. No meaning in one shot
mode.
0*: Do not freeze the results in free run mode. New results
will be available on the next and subsequent toggle of the
polling bit.
1: Freeze the current results in free run mode. The polling bit
will still toggle and the block continues to free run; however,
results will not update.
R/W
[1]
In free-run mode it enables measurements. In one-shot mode
it triggers the start of a measurement and is reset to zero
when the measurement is complete.
R/W
[0]
0*: free-run mode.
1: one-shot mode.
SMEAS_V_CTRL
0112
R/W
[4]
00
Free-run enable
R/W
[3]
Edge measurement selection for vertical period events.
0*: rising edge.
1: negative edge.
R/W
[2]
Freeze results during free run mode. No meaning in one shot
mode.
0*: Do not freeze the results in free run mode. New result will
be available on the next and subsequent toggle of the polling
bit.
1: Freeze the current results in free run mode. The polling bit
will still toggle and the block continues to free run; however,
results will not update.
R/W
[1]
In free-run mode it enables measurements. In one-shot mode
it triggers the start of a measurement and is reset to zero
when the measurement is complete.
R/W
[0]
0*: free-run mode.
1: one-shot mode.
Table 17: SMEAS Register Definitions (Sheet 2 of 6)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com