Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 31 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 27Page - STMicroelectronics ADE3800XT Datasheet HTML 28Page - STMicroelectronics ADE3800XT Datasheet HTML 29Page - STMicroelectronics ADE3800XT Datasheet HTML 30Page - STMicroelectronics ADE3800XT Datasheet HTML 31Page - STMicroelectronics ADE3800XT Datasheet HTML 32Page - STMicroelectronics ADE3800XT Datasheet HTML 33Page - STMicroelectronics ADE3800XT Datasheet HTML 34Page - STMicroelectronics ADE3800XT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 138 page
background image
31/138
ADE3800
Register Description by Block
The digital loop filter is controlled by two parameters: A and B. The A and B parameters control the
response of the 2nd order digital filter. A and B are exponential coefficients. The relationship of
these numbers to the classic 2nd order damping and natural frequency are as follows:
● Damping = 2^(AE-8) * SQRT(5 * MFACTOR / (2^(BE+4)))
● Natural Frequency = SQRT(MFACTOR * 5 * 2^(BE-30))
Note:
Typical value for the A and B parameters is 66h.
The synthesized HSync supplied to SMUX is 50% duty cycle.
Table 15: Line Lock PLL Registers (Sheet 1 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
LLK_CTRL
0800
R/W
[6]
00
0*: use slow filter when coarse error is zero
1: use slow filter when lock condition is achieved
R/W
[5]
mfactor shadow control
0*: simple shadow. Apply new mfactor when mfactor_u
is written.
1: shadow transfer on in_venab falling edge.
R/W
[4]
0*: lock to rising edge of input HSync
1: lock to falling edge of input HSync
R/W
[3:1]
input HSync select
0*: HSYNC pin
1: SOG0
2: SOG1
3: SOG2
4: EXT_SOG
R/W
[0]
LLK pll free run enable
LLK_SYNC_OFFSET_MODE
0801
R/W
[3]
06
manual resync mode
The LLK pll requires a resync after any change of
mfactor or offset. Writing to this bit causes a one-time
resync of the PLL accumulator (cleared by H/W).
R/W
[2]
resync every frame modea
R/W
[1]
resync on in_venab falling edge1
R/W
[0]
resync on in_venab rising edge1
LLK_MFACTOR_L
0802
R/W
[7:0]
80
mfactor[7:0] = in_htotal
LLK_MFACTOR_U
0803
R/W
[3:0]
02
mfactor[11:8]
LLK_PHASE_RATE_INIT
0804
R/W
[7:0]
80
pll phase rate init
freq = xclk_freq * 128 / phase_rate_init.
LLK_TC_AEF
0805
R/W
[3:0]
0A
time constant A when out of lock
LLK_TC_BEF
0806
R/W
[3:0]
0A
time constant B when out of lock
LLK_TC_AES
0807
R/W
[3:0]
06
time constant A when in lock
LLK_TC_BES
0808
R/W
[3:0]
06
time constant B when in lock
LLK_LOCK_TOL
0809
R/W
[7:0]
20
error limit for determining lock. LSB = 150ps (typ)
LLK_LOCK_LINE_NB
080A
R/W
[7:0]
30
line count for determining lock.
- set when error is < lock_tol for lock_line_nb of lines.
- cleared if error exceeds lock_tol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com