Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 72 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 72 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 68Page - STMicroelectronics ADE3800XT Datasheet HTML 69Page - STMicroelectronics ADE3800XT Datasheet HTML 70Page - STMicroelectronics ADE3800XT Datasheet HTML 71Page - STMicroelectronics ADE3800XT Datasheet HTML 72Page - STMicroelectronics ADE3800XT Datasheet HTML 73Page - STMicroelectronics ADE3800XT Datasheet HTML 74Page - STMicroelectronics ADE3800XT Datasheet HTML 75Page - STMicroelectronics ADE3800XT Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 138 page
background image
Register Description by Block
ADE3800
72/138
Note:
RAM ACCESS REQUIRES DOTCLK >= XCLK (refer to Chapter 4.22: I²C Registers and RAM
Addresses)
4.14 On-Screen Display (OSD)
The On-Screen Display block has the following features:
● Registers 4900 – 4915 are shadowed and are updated on the falling edge of out_venab.
● Pointers for the global RAM refer to 24 bit word locations.
● Pointers for the color LUT RAM refer to 32 bit word locations.
● Write access to the RAMs is shadowed.
● Read access to the global RAM is shadowed.
● Display list must be in top to bottom order for consistent operation.One RAM block 4096x24 is
used for the full operation of the OSD, and is internally subdivided for character use or display
list with the ability to set up the pointers through I2C.
● The characters can be displayed anywhere on the screen.
● H/V position is programmable per row
● Global Alpha blending for all the characters displayed as well as Alpha blending per color with
16 levels
● H/V flip per character
● 1bpp/2bpp/3bpp/4bpp characters supported.
● Rotation support
● Color LUT of 64 colors (24bit RGB True Color + 4 bit alpha).
Table 29: Gamma LUT RAM addresses
I2C Address
Memory Contents
1000 – 10FF
Red RAM
1100 – 11FF
Green RAM
1200 – 12FF
Blue RAM
Table 30: OSD Registers (Sheet 1 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
OSD_RAM
1700-
46FF
R/W
I2C address space allocated for OSD Ram
OSD_CLUT
4700-
47FF
R/W
I2C address space allocated for OSD CLUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com