Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 32 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 28Page - STMicroelectronics ADE3800XT Datasheet HTML 29Page - STMicroelectronics ADE3800XT Datasheet HTML 30Page - STMicroelectronics ADE3800XT Datasheet HTML 31Page - STMicroelectronics ADE3800XT Datasheet HTML 32Page - STMicroelectronics ADE3800XT Datasheet HTML 33Page - STMicroelectronics ADE3800XT Datasheet HTML 34Page - STMicroelectronics ADE3800XT Datasheet HTML 35Page - STMicroelectronics ADE3800XT Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 138 page
background image
Register Description by Block
ADE3800
32/138
LLK_OFFSET_L
LLK_OFFSET_U
080B
080C
R/W
R/W
[7:0]
[1:0]
00
00
phase offset [7:0] of adc sample clock. LSB is
xclk_period/512 = 72ps.
phase offset
LLK_PULSE_HIGH_EXT
080D
R/W
[7]
00
inclk pulse extend enable
R/W
[2:0]
inclk pulse extend value. LSB = 0.3ns (typ)
LLK_PHASE_RATE_MIN
080E
R/W
[7:0]
14
phase rate minimum. Sets the upper frequency limit of
the PLL.
phase_rate_min = xclk_freq * 128 / max_inclk_freq.
LLK_STAT_LINE_NB_L
LLK_STAT_LINE_NB_U
080F
0810
R/W
R/W
[7:0]
[7:0]
40
00
number of lines over which statistics are gathered
number of lines over which statistics are gathered
LLK_STAT_SUM_ABS_MAX_L
LLK_STAT_SUM_ABS_MAX_U
0811
0812
R/W
R/W
[7:0]
[7:0]
60
00
limit for sum of absolute errors
LLK_STAT_MAX_ABS_MAX
0813
R/W
[7:0]
04
limit for absolute error
LLK_DEADZONE
0814
R/W
[3:0]
02
coarse error deadzone, normal operation = 2.
LLK_STATUS
0830
R
[4]
00
max absolute error exceeded limit, not sticky
R
[3]
sum of absolute errors exceeded limit, not sticky
R
[2]
pll filter overflow condition, not sticky
R
[1]
coarse error is zero status, not sticky
R
[0]
lock status, not sticky
LLK_STATUS_PHASE_RATE_I_
0
LLK_STATUS_PHASE_RATE_I_
1
LLK_STATUS_PHASE_RATE_I_
2
LLK_STATUS_PHASE_RATE_I_
3
0831
0832
0833
0834
R
R/W
R/W
R/W
[7:0]
[7:0]
[7:0]
[5:0]
00
00
00
00
pll phase rate, free running readout.b
LLK_STATUS_SUM_ABS_L
LLK_STATUS_SUM_ABS_U
0835
0836
R
R
[7:0]
[7:0]
00
00
sum of absolute errors readout
LLK_STATUS_MAX_ABS
0837
R
[7:0]
00
max absolute error readout
LLK_MFACTOR_HW_L
LLK_MFACTOR_HW_U
0842
0843
R
R
[7:0]
[7:0]
80
02
mfactor shadow hw readout
LLK_TEST
084F
R/W
[7:0]
00
reserved
a. recommended setting for bits [2:0] = 110b
b. phase rate period (in picoseconds) is:
Example:
LLK_STATUS_PHASE_RATE_I_[28:0] = 03335BDF , XTAL = 27 MHz
phase rate period = 7.409 ns
frequency = 134.97 MHz
Table 15: Line Lock PLL Registers (Sheet 2 of 2)
Register Name
Addr
Mode
Bits
Rst
Description
haseRate ps
() LlkStatusPhaseRate 28…0
[] 2
21
–
×
XTALperiod ps
(
×
128
------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com