Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 89 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 85Page - STMicroelectronics ADE3800XT Datasheet HTML 86Page - STMicroelectronics ADE3800XT Datasheet HTML 87Page - STMicroelectronics ADE3800XT Datasheet HTML 88Page - STMicroelectronics ADE3800XT Datasheet HTML 89Page - STMicroelectronics ADE3800XT Datasheet HTML 90Page - STMicroelectronics ADE3800XT Datasheet HTML 91Page - STMicroelectronics ADE3800XT Datasheet HTML 92Page - STMicroelectronics ADE3800XT Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 138 page
background image
89/138
ADE3800
Register Description by Block
distribution of the color components. By default, we assume the most frequent setting is +-+ or -+-,
which means FLICKER_CTRL0[2:0] are programmed to either 101 or 010.
A calculation is done after the number of frames programmed in FRAME_CNT_MAX have passed.
With each frame the calculation is performed only on a horizontal portion of the image on all lines.
The size of that horizontal portion (in pixels) is determined by the value programmed in the
HBLOCK_SIZE included in the following formula:
2 ^ (3 + hblock_size)
For calculation of flicker patterns on the whole image, the result of this formula multiplied by
FRAME_CNT_MAX should be equal to the line length (in pixels), although that is not a constraint.
By splitting the image calculation to smaller horizontal portions, the local scores are banked (saved)
at the end of each portion, hence enabling a reverse pattern within a line to be detected. The
smaller that horizontal portion is, the better chance of detecting pattern reversals within a line.
Taking that into account, the smaller the horizontal portion is, the more frames needed to finish the
full image pattern scan. The minimum horizontal portion can be 8 pixels, and the maximum can be
the size of the line. Vertically, the flicker block is defined to have a resolution of 8 lines, so no
programming is needed to define the vertical portion, it banks automatically every 8 lines, and it
goes through all lines every frame.
The free_run/freeze_scores bit FLICKER_CTRL0[4] enables the final calculation to be fed to the
I2C registers. This bit does not regulate all the internal flicker calculation, but only the update of the
I2C registers.
The output results are stored in four 32 bit registers with addresses described in the table. The
higher the score is, the more that pattern is present in the image (each 32 bit register represents 1
pattern). Whichever pattern is detected most, the TCON is advised to cancel the flicker by switching
the pixel polarity which is the opposite of the pattern detected.
The following figure shows all patterns that can be detected by this flicker block.
Figure 17: 8x8 Walsh basis function set
+
+
+
+
+
+
+
+
+
-
+
-
+
-
+
-
+
+
-
-
+
+
-
-
+
-
-
+
+
-
-
+
+
+
+
+
-
-
-
-
+
-
+
-
-
+
-
+
+
+
-
-
-
-
+
+
+
-
-
+
-
+
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com