Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 46 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 42Page - STMicroelectronics ADE3800XT Datasheet HTML 43Page - STMicroelectronics ADE3800XT Datasheet HTML 44Page - STMicroelectronics ADE3800XT Datasheet HTML 45Page - STMicroelectronics ADE3800XT Datasheet HTML 46Page - STMicroelectronics ADE3800XT Datasheet HTML 47Page - STMicroelectronics ADE3800XT Datasheet HTML 48Page - STMicroelectronics ADE3800XT Datasheet HTML 49Page - STMicroelectronics ADE3800XT Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 138 page
background image
Register Description by Block
ADE3800
46/138
Note:
A shadow readback register retains the previously programmed value until the relevant event
occurs. There is one shadow readback register for each register in the SMUX block.
SMUX_VPOS_HW_L
SMUX_VPOS_HW_U
0218
0219
R
R
[7:0]
[3:0]
00
00
shadow readback
SMUX_VPIX_HW_L
SMUX_VPIX_HW_U
021A
021B
R
R
[7:0]
[3:0]
00
00
shadow readback
SMUX_VTRIG_HW_L
SMUX_VTRIG_HW_U
021C
021D
R
R
[7:0]
[3:0]
00
00
shadow readback
Table 19: Horizontal Parameters
Table 20: Vertical Parameters
Table 18: Sync Multiplexer Registers (Sheet 3 of 3)
Register Name
Addr
Mode
Bits
Rst
Description
h
blanking
h back porch
h start
h front
porch
h sync
width
h data
raw h sync
LLK h sync
(50% duty
cycle)
SMUX
reference
h position
h total
h total / 2
LLK reference
edge
v
blanking
v back porch
v start
v front
porch
v sync
width
v enable
v sync
SMUX_VTRIG
SMUX
reference
v trig
v total
SMUX reference
edge
v position
1
line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com