Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 82 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 82 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 78Page - STMicroelectronics ADE3800XT Datasheet HTML 79Page - STMicroelectronics ADE3800XT Datasheet HTML 80Page - STMicroelectronics ADE3800XT Datasheet HTML 81Page - STMicroelectronics ADE3800XT Datasheet HTML 82Page - STMicroelectronics ADE3800XT Datasheet HTML 83Page - STMicroelectronics ADE3800XT Datasheet HTML 84Page - STMicroelectronics ADE3800XT Datasheet HTML 85Page - STMicroelectronics ADE3800XT Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 138 page
background image
Register Description by Block
ADE3800
82/138
Display List:
Row Attr. 48 bits x 15 rows = 720 bits
Char Attr. 16 bits x 30 chars x 15 rows = 7200 bits
The total display list is estimated based on the current OSD size of 30x15 characters.
Total Display List Memory => 7920 bits
TOTAL OSD Estimated RAM Memory: 82008 bits (RAM selected 98304 bits)
Color LUT:
64 x 32 = 2048 bits
For a 30x15 character display the OSD block global RAM has room remaining for:
Global 24b RAM is programmed in the following order:
Example
... and so on …..
Similarly, the Color LUT 32b RAM, is programmed in the following order:
Example
... and so on …..
255 => 1bpp (room for 418 char, but only 255 can be addressed w/ 8bit CID) or,
209 => 2bpp or,
139 => 3bpp or,
104 => 4bpp
WRITE 00 [Data] -> ram_addr 0 [23: 16]
WRITE 01 [Data] -> ram_addr 0 [15: 8]
WRITE 02 [Data] -> ram_addr 0 [ 7: 0]
WRITE 03 [Data] -> ram_addr 1 [23: 16]
WRITE 04 [Data] -> ram_addr 1 [15: 8]
WRITE 00 [Alpha] -> lut_addr 0 [27:24]
WRITE 01 [ R ] -> lut_addr 0 [23:16]
WRITE 02 [ G ] -> lut_addr 0 [15: 8]
WRITE 03 [ B ] -> lut_addr 0 [ 7: 0]
WRITE 04 [Alpha] -> lut_addr 1 [27:24]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com