Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 71 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 67Page - STMicroelectronics ADE3800XT Datasheet HTML 68Page - STMicroelectronics ADE3800XT Datasheet HTML 69Page - STMicroelectronics ADE3800XT Datasheet HTML 70Page - STMicroelectronics ADE3800XT Datasheet HTML 71Page - STMicroelectronics ADE3800XT Datasheet HTML 72Page - STMicroelectronics ADE3800XT Datasheet HTML 73Page - STMicroelectronics ADE3800XT Datasheet HTML 74Page - STMicroelectronics ADE3800XT Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 138 page
background image
71/138
ADE3800
Register Description by Block
4.13 Gamma (GAM)
The Gamma block implements three independent 256 point gamma curves for each of R, G, and B
channels.
Its features are as follows:
● 256x8b table per color channel stores 2’s complement difference to straight line
● 10b input/output (0 to 1023), range of delta = -128 to +127 (+/- 1/8
th full scale)
● double LUT amplitude control to change range to 2 x (delta = -256 to +254)
● fast write mode for loading 3 tables with the same data
● glitch free write mode
● clipping on output to [0,1023]
● programmable offset_value added from offset_position0 to offset_position1 (inclusive).
gamma_out_r = gamma_in_r + lut_r + (offset_position0 <= gamma_in_r <= offset_position1) ?
offset_value: 0
gamma_out_g = gamma_in_g + lut_g + (offset_position0 <= gamma_in_g <= offset_position1) ?
offset_value: 0
gamma_out_b = gamma_in_b + lut_b + (offset_position0 <= gamma_in_b <= offset_position1) ?
offset_value: 0
Table 28: Gamma Registers
I2C Address Label
Addr
Mode
Bits
Rst
Description
GAM_CTRL
0C00
R/W
[3]
00
0*: delta range = -128 to +127
1: delta range = -256 to +254
[2]
0*: i2c to RAM transfer at selected i2c address only
1: i2c to RAM transfer the same value to Red, Green, and Blue
RAMs when selecting Red RAM addresses
[1]
0*: Write i2c to RAM allowed during active video
1: Write i2c to RAM during video blanking only (shadowed)
[0]
0*: gamma bypassed
1: gamma enabled
GAM_POSITION0
0C01
R/W
[7:0]
00
IF (gamma_in/4 >= offset_position0 && gamma_in/4 <=
offset_position1)
THEN offset = offset_value * 16
ELSE offset = 0
(gamma_out = gamma_in + lut + offset)
GAM_POSITION1
0C02
R/W
[7:0]
00
See offset_position0 for details
GAM_OFFSET
0C03
R/W
[5:0]
00
Multipled by 16. 2’s complement number represents –512 to
+496 inclusive.
See offset_position0 for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com