Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 95 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 91Page - STMicroelectronics ADE3800XT Datasheet HTML 92Page - STMicroelectronics ADE3800XT Datasheet HTML 93Page - STMicroelectronics ADE3800XT Datasheet HTML 94Page - STMicroelectronics ADE3800XT Datasheet HTML 95Page - STMicroelectronics ADE3800XT Datasheet HTML 96Page - STMicroelectronics ADE3800XT Datasheet HTML 97Page - STMicroelectronics ADE3800XT Datasheet HTML 98Page - STMicroelectronics ADE3800XT Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 138 page
background image
95/138
ADE3800
Register Description by Block
OMUX_CTRL3
0C33
R/W
[7]
00
0*: select RSDS even bits first
(normal)
1: select RSDS odd bits first
R/W
[4]
1: RSDS split buffer enable
R/W
[1]
0*: 128 pin mapping
1: 100 pin mapping
R/W
[0]
1: RSDS outputs active (see Table 34)
OMUX_CTRL4
0C34
R/W
[7]
00
1: invert RSDS data pair 4
R/W
[6]
1: invert RSDS data pair 5
LVDS
Debug
Pattern
R/W
[5]
1: invert RSDS data pair 6
R/W
[4]
1: invert RSDS data pair 7
R/W
[3]
1: invert RSDS data pair 16
R/W
[2]
1: invert RSDS data pair 17
R/W
[1]
1: invert RSDS data pair 18
RSDS
Debug
Pattern
R/W
[0]
1: invert RSDS data pair 20
OMUX_CTRL5
0C35
R/W
[7]
00
1: invert RSDS data pair 11
R/W
[6]
1: invert RSDS data pair 10
R/W
[5]
1: invert RSDS data pair 9
R/W
[4]
1: invert RSDS data pair 8
R/W
[3]
1: invert RSDS data pair 0
R/W
[2]
1: invert RSDS data pair 1
R/W
[1]
1: invert RSDS data pair 2
R/W
[0]
1: invert RSDS data pair 3
OMUX_CTRL6
0C36
R/W
[7]
00
1: invert RSDS data pair 19
R/W
[6]
1: invert RSDS data pair 22
R/W
[5]
1: invert RSDS data pair 23
R/W
[4]
1: invert RSDS data pair 25
R/W
[3]
1: invert RSDS data pair 24
R/W
[2]
1: invert RSDS data pair 15
R/W
[1]
1: invert RSDS data pair 14
R/W
[0]
1: invert RSDS data pair 13
Table 33: OMUX Registers (Sheet 2 of 3)
Register Name
Addr
Mode
Bits
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com