Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 49 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 45Page - STMicroelectronics ADE3800XT Datasheet HTML 46Page - STMicroelectronics ADE3800XT Datasheet HTML 47Page - STMicroelectronics ADE3800XT Datasheet HTML 48Page - STMicroelectronics ADE3800XT Datasheet HTML 49Page - STMicroelectronics ADE3800XT Datasheet HTML 50Page - STMicroelectronics ADE3800XT Datasheet HTML 51Page - STMicroelectronics ADE3800XT Datasheet HTML 52Page - STMicroelectronics ADE3800XT Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
49/138
ADE3800
Register Description by Block
Measurement Window: The Min / Max value is found over a defined window as described in
Window Control.
Color Channels: A specific color channel (R/G/B) or all color channels (All) can be applied to the
Min / Max value.
Result: The output at the end of the measurement is two 8 bit numbers, the Minimum Pixel value
and the Maximum Pixel value.
4.9.8
Pixel Cumulative Distribution (PCD)
PCD function reports the total number of pixels greater than (or less than) a programmable
threshold.
To switch between pixels greater than or pixel less than the threshold, a control bit is provided in the
Mode register when requesting a measurement.
Measurement Window: The PCD value is calculated over a defined window as described in
Window Control.
Color Channels: A specific color channel (R/G/B) or all color channels (All) can be applied to the
PCD function.
Result: The output at the end of the measurement is a 24 bit number.
4.9.9
H Position Min / Max
Horizontal position measures the start and end of video data in inclks relative to the reference edge
of HSync.
Data horizontal start is defined as the number of inclks between the selected edge of HSync and the
“first data pixel”.
First data pixel definition is either:
1. First pixel > a programmable threshold value (normal)
2. First pixel with the absolute value (current pixel – previous pixel) is > a programmable threshold
value
Data horizontal end is defined as the number of inclks between reference edge of HSync and the
“last data pixel plus one”. The search for the last pixel ends at the end of a window.
Last data pixel plus one is either:
1. Pixel after the last pixel that is > a programmable threshold value (normal)
2. Last pixel with the absolute value (current pixel – previous pixel) is > a programmable threshold
value
To switch between the two threshold methods used in the first and last pixel, a control bit is provided
in the DMEAS_MODE_CTRL register when requesting a measurement.
The first and last pixels are measured for each line, and the earliest first and latest last for the
selected pixel area are reported out at the end of the measurement.
Measurement Window: The First / Last pixel on a line is found over a defined window as described
in Window Control.
Color Channels: All color channels are used to find the First / Last pixel on a line.
Result: The output at the end of the measurement is two 12 bit numbers, H position Min and H
position Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com