Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 16 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 12Page - STMicroelectronics ADE3800XT Datasheet HTML 13Page - STMicroelectronics ADE3800XT Datasheet HTML 14Page - STMicroelectronics ADE3800XT Datasheet HTML 15Page - STMicroelectronics ADE3800XT Datasheet HTML 16Page - STMicroelectronics ADE3800XT Datasheet HTML 17Page - STMicroelectronics ADE3800XT Datasheet HTML 18Page - STMicroelectronics ADE3800XT Datasheet HTML 19Page - STMicroelectronics ADE3800XT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 138 page
background image
Pin Descriptions
ADE3800
16/138
70
DVDD18
Digital 1.8V Supply
72
94
DGND
Digital Ground
73
95
DGND
Digital Ground
74
96
DVDD18
Digital 1.8V Supply
75
DVDD18
Digital 1.8V Supply
Table 7: Analog Section Power Supply Pins
LQFP100 LQFP128
Name
Description
31
41
AVDD
Analog 1.8V Supply
35
45
AVDD
Analog 1.8V Supply
36
46
AVDD
Analog 1.8V Supply
40
50
AVDD
Analog 1.8V Supply
32
42
AGND
Analog Ground
37
47
AGND
Analog Ground
41
51
AGND
Analog Ground
42
52
AGND
Analog Ground
45
55
AVDD
Analog 1.8V Supply
46
58
XGND
Crystal Oscillator Ground
49
61
XVDD18
Crystal Oscillator 1.8V Supply
50
62
PGND
PLL Ground
51
63
PVDD18
PLL 1.8V Supply
52
64
PGND
PLL Ground
Table 8: Output Section Power Supply Pins (Sheet 1 of 2)
LQFP100 LQFP128
Name
Description
2
1
PLLVDD18
Output PLL 1.8V Supply
3
2
SGND
Output PLL Ground. Should be connected to Output Ground
4
3
OVDD18
Output Multiplexer 1.8V Supply
13
16
OVDD18
Output Multiplexer 1.8V Supply
14
17
VRH
LVDS/RSDS reference voltage. Connect to external capacitor to ground
15
18
VRL
LVDS/RSDS reference voltage. Connect to external capacitor to ground
40
EPGND
Exposed Pad Ground. Connect to Output Ground
56
EPGND
Exposed Pad Ground. Connect to Output Ground
57
EPGND
Exposed Pad Ground. Connect to Output Ground
71
EPGND
Exposed Pad Ground. Connect to Output Ground
76
103
OVDD18
Output Multiplexer 1.8V Supply
87
115
VRL
LVDS/RSDS reference voltage. Connect to external capacitor to ground
88
114
VRH
LVDS/RSDS reference voltage. Connect to external capacitor to ground
Table 6: Digital Section Power Supply Pins (Sheet 2 of 2)
LQFP100 LQFP128
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com