Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 106 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 102Page - STMicroelectronics ADE3800XT Datasheet HTML 103Page - STMicroelectronics ADE3800XT Datasheet HTML 104Page - STMicroelectronics ADE3800XT Datasheet HTML 105Page - STMicroelectronics ADE3800XT Datasheet HTML 106Page - STMicroelectronics ADE3800XT Datasheet HTML 107Page - STMicroelectronics ADE3800XT Datasheet HTML 108Page - STMicroelectronics ADE3800XT Datasheet HTML 109Page - STMicroelectronics ADE3800XT Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 138 page
background image
Register Description by Block
ADE3800
106/138
Table 39: Register Map (Sheet 1 of 7)
Register Name
Addr.
Bits
Mode
Rst
Description
TCON_CTRL
0B00
[6:4]
R/W
00
out_venab source selection
0*: out_venab generated from
out_enab (normal)
1: tcon_pgen
2: window venab[0]
3: window venab[1]
4: window venab[2]
5: window venab[3]
6-7: reserved
[3:2]
R/W
i2c block transfer (not tcon) event selection
0*: (hcount == 0) && (vcount == 0)
1: (hcount == 0)
2: srtd0
3: srtd1
[0]
R/W
TCON[7:0] output enable. Internal signals
are always active.
TCON_POLARITY_CTRL
0B01
[7:6]
R/W
00
vlen = toggle/polarity line sequence length
(desired – 1)
[5:4]
R/W
vtoggle / polarity horizontal reference (1 of
4 comparators)
[2:0]
R/W
polarity vmask selection
0*: pulse 0
1: pulse 1
2: pulse 2
3: pulse 3
4: pulse 4
5: pulse 5
6: pulse 0, reset vtog_count to 0 at rising
edge of vmask, polarity reset to 0
7: pulse 0, resync vtog_count to 1 at ris-
ing edge of vmask, polarity reset to 0
Note: pulse type must be vertical
TCON_INV_0
0B02
[7]
R/W
00
invert output tcon7
[6]
R/W
invert output tcon6
[5]
R/W
invert output tcon5
[4]
R/W
invert output tcon4
[3]
R/W
invert output tcon3
[2]
R/W
invert output tcon2
[1]
R/W
invert output tcon1
[0]
R/W
invert output tcon0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com