Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 111 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 107Page - STMicroelectronics ADE3800XT Datasheet HTML 108Page - STMicroelectronics ADE3800XT Datasheet HTML 109Page - STMicroelectronics ADE3800XT Datasheet HTML 110Page - STMicroelectronics ADE3800XT Datasheet HTML 111Page - STMicroelectronics ADE3800XT Datasheet HTML 112Page - STMicroelectronics ADE3800XT Datasheet HTML 113Page - STMicroelectronics ADE3800XT Datasheet HTML 114Page - STMicroelectronics ADE3800XT Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 138 page
background image
111/138
ADE3800
Register Description by Block
TCON_X_SRTD_0_A
0B80
[4:0]
R/W
00
srtd input A selection
00*: 0
01: 1
02: pulse0
03: pulse1
04: pulse2
05: pulse3
06: pulse4
07: pulse5
08: window0
09: window1
0A: window2
0B: window3
0C: vtoggle0
0D: vtoggle1
0E: vtoggle2
0F: polarity
10: srtd0
11: srtd1
12: srtd2
13: srtd3
14: srtd4
15: srtd5
16: srtd6
17: srtd7
18: srtd8
19: srtd9
1A: srtd10
1B: srtd11
1C: comp0
1D: comp1
1E: comp2
1F: comp3
TCON_X_SRTD_0_B
0B81
TCON_X_SRTD_1_A
0B82
TCON_X_SRTD_1_B
0B83
TCON_X_SRTD_2_A
0B84
TCON_X_SRTD_2_B
0B85
TCON_X_SRTD_3_A
0B86
TCON_X_SRTD_3_B
0B87
TCON_X_SRTD_4_A
0B88
TCON_X_SRTD_4_B
0B89
TCON_X_SRTD_5_A
0B8A
TCON_X_SRTD_5_B
0B8B
TCON_X_SRTD_6_A
0B8C
TCON_X_SRTD_6_B
0B8D
TCON_X_SRTD_7_A
0B8E
TCON_X_SRTD_7_B
0B8F
TCON_X_SRTD_8_A
0B90
TCON_X_SRTD_8_B
0B91
TCON_X_SRTD_9_A
0B92
TCON_X_SRTD_9_B
0B93
TCON_X_SRTD_10_A
0B94
TCON_X_SRTD_10_B
0B95
TCON_X_SRTD_11_A
0B96
TCON_X_SRTD_11_B
0B97
TCON_X_SRTD_12_A
0B98
TCON_X_SRTD_12_B
0B99
TCON_X_SRTD_13_A
0B9A
TCON_X_SRTD_13_B
0B9B
TCON_X_SRTD_14_A
0B9C
TCON_X_SRTD_14_B
0B9D
TCON_X_SRTD_15_A
0B9E
TCON_X_SRTD_15_B
0B9F
Table 39: Register Map (Sheet 6 of 7)
Register Name
Addr.
Bits
Mode
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com