Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 118 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 114Page - STMicroelectronics ADE3800XT Datasheet HTML 115Page - STMicroelectronics ADE3800XT Datasheet HTML 116Page - STMicroelectronics ADE3800XT Datasheet HTML 117Page - STMicroelectronics ADE3800XT Datasheet HTML 118Page - STMicroelectronics ADE3800XT Datasheet HTML 119Page - STMicroelectronics ADE3800XT Datasheet HTML 120Page - STMicroelectronics ADE3800XT Datasheet HTML 121Page - STMicroelectronics ADE3800XT Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 138 page
background image
Register Description by Block
ADE3800
118/138
ANA_LVDS_DLY_0
006A
[6:4]
R/W
33
LVDSDLYCH1
LVDS/RSDS
output skew
adjust
0: 176ps (typ)
1: 104ps (typ)
2: 73ps (typ)
3*: 50ps (typ)
4: 39ps (typ)
5: 18ps (typ)
6: 7ps (typ)
7: no delay
(normal)
[2:0]
LVDSDLYCH0
ANA_LVDS_DLY_1
006B
[6:4]
R/W
33
LVDSDLYCLK0
[2:0]
LVDSDLYCH2
ANA_LVDS_DLY_2
006C
[6:4]
R/W
33
LVDSDLYCH4
[2:0]
LVDSDLYCH3
ANA_LVDS_DLY_3
006D
[6:4]
R/W
33
LVDSDLYCH6
[2:0]
LVDSDLYCH5
ANA_LVDS_DLY_4
006E
[6:4]
R/W
33
LVDSDLYCH7
[2:0]
LVDSDLYCLK1
ANA_RSDS_DLY_0
0070
[6:4]
R/W
33
RSDSDLYCH1
[2:0]
RSDSDLYCH0
ANA_RSDS_DLY_1
0071
[6:4]
R/W
33
RSDSDLYCH3
[2:0]
RSDSDLYCH2
ANA_RSDS_DLY_2
0072
[6:4]
R/W
33
RSDSDLYCH5
[2:0]
RSDSDLYCH4
ANA_RSDS_DLY_3
0073
[6:4]
R/W
33
RSDSDLYCH7
[2:0]
RSDSDLYCH6
ANA_RSDS_DLY_4
0074
[6:4]
R/W
33
RSDSDLYCH9
[2:0]
RSDSDLYCH8
ANA_RSDS_DLY_5
0075
[6:4]
R/W
33
RSDSDLYCH11
[2:0]
RSDSDLYCH10
ANA_RSDS_DLY_6
0076
[6:4]
R/W
33
RSDSDLYCH13
[2:0]
RSDSDLYCH12
ANA_RSDS_DLY_7
0077
[6:4]
R/W
33
RSDSDLYCH15
[2:0]
RSDSDLYCH14
Table 42: LVDS / RSDS Power Configurations
State
PLL
LVDS
Output
RSDS
Output
ANA_LVDSANA4[0]
Master Power Ctrl
ANA_LVDSANA5[5]
Output Mode Sel
ANA_LVDSANA2[7]
PLL Power Ctrl
All Off
off
off
off
1
X
X
LVDS On
on
on
off
0
1
0
RSDS On
off
off
on
0
0
X
Table 41: LVDS/RSDS Registers (Sheet 5 of 5)
Register Name
Address
Bits
Mode
Rst
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com