Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE3800XT Datasheet(PDF) 133 Page - STMicroelectronics

Part # ADE3800XT
Description  Analog LCD Display Engine for XGA and SXGA Resolutions with Embedded LVDS and RSDS Transmitters
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3800XT Datasheet(HTML) 133 Page - STMicroelectronics

Back Button ADE3800XT Datasheet HTML 129Page - STMicroelectronics ADE3800XT Datasheet HTML 130Page - STMicroelectronics ADE3800XT Datasheet HTML 131Page - STMicroelectronics ADE3800XT Datasheet HTML 132Page - STMicroelectronics ADE3800XT Datasheet HTML 133Page - STMicroelectronics ADE3800XT Datasheet HTML 134Page - STMicroelectronics ADE3800XT Datasheet HTML 135Page - STMicroelectronics ADE3800XT Datasheet HTML 136Page - STMicroelectronics ADE3800XT Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 138 page
background image
133/138
ADE3800
ADE3800 vs ADE3700
8
ADE3800 vs ADE3700
The following gives an overview of the main differences between ADE3700 and ADE3800:
Package
● 100 pin LQFP for LVDS 1&2 channels and RSDS 1 channel application
● 128 pin LQFP for RSDS 2 pixel per clock support
● 5V tolerant inputs do not have internal pull-up resistors
I2C Interface
● Add Block Transfer for fast internal data move/swap/copy
Registers
● Now all registers runs on XCLK
● RGB register address ordering is reversed to BGR
Analog Front End (ADC & SOG)
● New ADC design with higher performances
● Add Internal SOG Sync Stripper with bypass option (external SOG TTL pin)
● SOG activity can operate while ADC Power is down (wakeup from DPMS by SOG support)
● Per channel skew control
● Analog Filter bandwidth programmable
● Gain and Offset independent and linear
● 10-bit ADC using Analog Dithering Technique (ADTH)
Line Lock PLL (LLK)
● Synthesized Internal HSync has 50% duty cycle
● Phase step is 4 times more precise
● Phase range can exceed one clock period delay
● Lock filter removed
● Fewer registers, simplifies some programming
● Clock and Phase are both shadowed
● FM Modulation amplitude step is 16 times more precise
Sync Measurement (SMEAS)
● Remove out of range register
● Add Fast Mute function
● Group all the fast mute flags in SMEAS with sticky bit and enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com