Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 2Page - STMicroelectronics STW4102 Datasheet HTML 3Page - STMicroelectronics STW4102 Datasheet HTML 4Page - STMicroelectronics STW4102 Datasheet HTML 5Page - STMicroelectronics STW4102 Datasheet HTML 6Page - STMicroelectronics STW4102 Datasheet HTML 7Page - STMicroelectronics STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics STW4102 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Absolute maximum ratings and operating conditions
STw4102
6/34
3
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VMAIN
Maximum supply voltage on MAIN input
20
V
VCC
Voltage on EOCHG, LDODRV, DRIVER pins
-0.3 to VMAIN
V
VUSB
Maximum supply voltage on USBPWR input
7
V
Vbatt
Maximum voltage on BATT, BATTSENSE, PWRDETECTN
7
V
VIO
Maximum supply voltage on VIO pin
7
V
VDD
Voltage on I/O pins (SCL, SDA, RESETN, C32KHZ,
STDBY)
-0.3 to VIO
V
Pd
Power dissipation
self-limited
Isense
Maximum current from SENSE to BATT
1
A
Tstg
Storage temperature
-55 to 150
° C
Tj
Maximum junction temperature
150
° C
Rthja
Thermal resistance junction-ambient(1)
1.
Package's exposed pad is soldered to a copper pad on the PCB with multiple vias to the ground plane.
45
° C/W
ESD
Electrostatic discharge (HBM human body model)(2)
2.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
Vmain
Operating supply voltage on MAIN
4.25 to 16
V
VCC
Maximum voltage on EOCHG
16
V
VUSB
Operating supply voltage on USBPWR
4.25 to 5.5
V
VIO
Operating supply voltage on VIO
1.45 to 3.0
V
Vbatt
Max voltage on BATT, BATTSENSE, PWRDETECTN
5.0
V
Vout
Max voltage on VOUT
BATT +0.7
V
Toper
Operating free air temperature range
-30 to 85
° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com