Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 25Page - STMicroelectronics STW4102 Datasheet HTML 26Page - STMicroelectronics STW4102 Datasheet HTML 27Page - STMicroelectronics STW4102 Datasheet HTML 28Page - STMicroelectronics STW4102 Datasheet HTML 29Page - STMicroelectronics STW4102 Datasheet HTML 30Page - STMicroelectronics STW4102 Datasheet HTML 31Page - STMicroelectronics STW4102 Datasheet HTML 32Page - STMicroelectronics STW4102 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
STw4102
I2C interface
29/34
Table 27.
REG_DISCHARGE_MID. address 8 (08h)
Name
Pos.
Type
Power-
up
Description
DATA[15..8]
[7..0]
R
00
Current discharge data.
Table 28.
REG_DISCHARGE_HIGH. address 9 (09h)
Name
Pos.
Type
Power-
up
Description
DATA[23..16]
[7..0]
R
00
Current discharge data.
Table 29.
REG_CONVDATA_LOW. address 16 (10h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
00
AD converter data.
Table 30.
REG_CONVDATA_HIGH. address 17 (11h)
Name
Pos.
Type
Power-
up
Description
DATA[12..8]
[4..0]
R
0
AD converter data.
Not used
[7..5]
R
0
Table 31.
REG_CONVNUMBER_LOW. address 18 (12h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
0
Number of conversions.
Table 32.
REG_CONVNUMBER_HIGH. address 19 (13h)
Name
Pos.
Type
Power-
up
Description
DATA[11..8]
[3..0]
R
0
Number of conversions.
Reserved
[7..4]
R
x
Reserved bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com