Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 18Page - STMicroelectronics STW4102 Datasheet HTML 19Page - STMicroelectronics STW4102 Datasheet HTML 20Page - STMicroelectronics STW4102 Datasheet HTML 21Page - STMicroelectronics STW4102 Datasheet HTML 22Page - STMicroelectronics STW4102 Datasheet HTML 23Page - STMicroelectronics STW4102 Datasheet HTML 24Page - STMicroelectronics STW4102 Datasheet HTML 25Page - STMicroelectronics STW4102 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Battery monitoring
STw4102
22/34
8
Battery monitoring
8.1
Gas gauge
The gas gauge is designed to monitor the battery capacity. A current sensing resistor
(typically of 30 m
Ω) is needed between the negative terminal of the battery and the ground.
The sensing resistor voltage drop is input to a 13-bit integrating AD converter. When a
conversion cycle is completed, depending on the output sign, the result is forwarded to the
charge or discharge 24-bit accumulator, and the number of conversions is incremented in a
12-bit counter.
One accumulator accumulates current flowing into the battery during charging and the other
accumulates discharge current during system operation. The remaining battery charge is
given by the difference between the charge and discharge accumulators.
Figure 23.
Gas gauge block diagram
The Digital Base Band (DBB) can control, enable and read gas gauge data through I2C
control registers. The DBB can read the value of the most recent conversion in two’s
complement format by reading the CONVDATA registers.
The RD_REQ bit enables the transfer of the charge/discharge accumulators and conversion
counter register. The transfer can take up to eight 32 kHz cycles, therefore a delay of
AD converter
12 bits + sign bit
ICG+
ICG-
From 2’s
to binary
Charge
accumulator
Discharge
accumulator
24 bit max
Charge
registers
Discharge
registers
Conv_data
registers
registers
Conv_number
12 bits Counter
EOC
13
24
24
Control logic
sign
cg_enable
cg_calibration
cg_clock
Control
registers
32kHz
Σ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com