Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 6Page - STMicroelectronics STW4102 Datasheet HTML 7Page - STMicroelectronics STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics STW4102 Datasheet HTML 10Page - STMicroelectronics STW4102 Datasheet HTML 11Page - STMicroelectronics STW4102 Datasheet HTML 12Page - STMicroelectronics STW4102 Datasheet HTML 13Page - STMicroelectronics STW4102 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Electrical characteristics
STw4102
10/34
Figure 2.
I2C timing diagram
Table 7.
I2C timing - VIO= 2.8V, Tamb = -30°C to 85° C (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fscl
SCL clock frequency
400
kHz
thd,sta
Hold time (repeated) START condition
0.6
µs
tlow
LOW period of the SCL clock
1.3
µs
thigh
HIGH period of the SCL clock
0.6
µs
tsu,dat
Setup time for repeated START condition
0.6
µs
thd,dat
Data hold time
0
0.9
us
tr
Rise time of both SDA and SCL signals
20+
0.1Cb
300
ns
tf
Fall time of both SDA and SCL signals
20+
0.1Cb
300
ns
tsu,sto
Setup time for STOP condition
0.6
µs
Cb
Capacitive load for each bus line
400
pF
SDA
tf
SCL
tlow
Vil
thd,sta
tr
thd,dat
tsu,dat thigh
tsu,sta
Vih



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com