Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 24Page - STMicroelectronics STW4102 Datasheet HTML 25Page - STMicroelectronics STW4102 Datasheet HTML 26Page - STMicroelectronics STW4102 Datasheet HTML 27Page - STMicroelectronics STW4102 Datasheet HTML 28Page - STMicroelectronics STW4102 Datasheet HTML 29Page - STMicroelectronics STW4102 Datasheet HTML 30Page - STMicroelectronics STW4102 Datasheet HTML 31Page - STMicroelectronics STW4102 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
I2C interface
STw4102
28/34
Table 22.
REG_CG. address 3 (03h)
Name
Pos.
Type
Power-
up
Description
CG_ENA
0
R/W
0
0: Gas gauge disabled. Charge/discharge
accumulators are reset.
1: Gas gauge enabled.
RST_CHRG
1
R/W
0
0: No effect.
1: Resets the charge accumulator. This bit auto
clears after the charge register is reset.
RST_DCHRG
2
R/W
0
0: No effect.
1: Resets the discharge accumulator. This bit auto
clears after the discharge register is reset.
RST_COUNTER
3
R/W
0
0: No effect.
1: Resets the counter conversion. This bit auto
clears after the counter register is reset.
RD_REQ
4
R/W
0
0: No effect.
1: Transfers the 24 bit charge/discharge
accumulators and the conversion counter to the
charge/discharge and conversion number
registers. This bit auto clears after the transfer.
CG_CAL
5
R/W
0
0: No effect.
1: Allows to calibrate AD converter.
CG_EOC
6
R
0
Set high at the end of a conversion. Cleared after
read.
Unused
7
R/W
Table 23.
REG_CHARGE_LOW. address 4 (04h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
00
Current charge data.
Table 24.
REG_CHARGE_MID. address 5 (05h)
Name
Pos.
Type
Power-
up
Description
DATA[15..8]
[7..0]
R
00
Current charge data.
Table 25.
REG_CHARGE_HIGH. address 6 (06h)
Name
Pos.
Type
Power-
up
Description
DATA[23..16]
[7..0]
R
00
Current charge data.
Table 26.
REG_DISCHARGE_LOW. address 7 (07h)
Name
Pos.
Type
Power-
up
Description
DATA[7..0]
[7..0]
R
00
Current discharge data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com