Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 5Page - STMicroelectronics STW4102 Datasheet HTML 6Page - STMicroelectronics STW4102 Datasheet HTML 7Page - STMicroelectronics STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics STW4102 Datasheet HTML 10Page - STMicroelectronics STW4102 Datasheet HTML 11Page - STMicroelectronics STW4102 Datasheet HTML 12Page - STMicroelectronics STW4102 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
STw4102
Electrical characteristics
9/34
Table 6.
Battery monitor - Vbatt=3.6V, Tamb = -30°C to 85° C (unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POR_IS2+
Power ON reset threshold+
CVIS internal supply
2.6
2.7
2.8
V
POR_IS2-
Power ON reset threshold-
CVIS internal supply
2.5
2.6
2.7
V
Gas gauge A/D converter
Vos_gg
Input offset voltage
40
µV
Vin_gg
Input voltage range
-80
+80
mV
Idd_gg
Current consumption
CG_ENA=1
90
µA
Ipdn_gg
Current consumption in off mode
CG_ENA=0
1
µA
Iin
Input current for ICG+ and ICG-
500
nA
LSBgg
AD converter granularity (LSB value)
12 bits + 1 sign bit
23.5
µV
AccTamb_gg
Accuracy at ambient temperature
External resistor at 1%
No calibration
3%
Battery voltage A/D converter
Vin_mon
Input voltage range
BATT voltage
1
5
V
Idd_mon
Current consumption
ADPOWERON=1
190
µA
Ipdn_mon
Current consumption in off mode
ADPOWERON=0
1
µA
LSBmon
AD converter granularity (LSB value)
7 bits
12 bits
45.4
1.42
mV
mV
AccTamb_mon Accuracy at ambient temperature
No calibration
3
%
Digital I/O pins (SCL, SDA, STDBY, C32KHZ, RESETN)
Vil
Input pin low voltage
0
0.3 x VIO
V
Vih
Input pin high voltage
0.7 x VIO
VIO
V
Vol
SDA output pin low voltage
Isink= 3mA
0.2 x VIO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com