Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 3Page - STMicroelectronics STW4102 Datasheet HTML 4Page - STMicroelectronics STW4102 Datasheet HTML 5Page - STMicroelectronics STW4102 Datasheet HTML 6Page - STMicroelectronics STW4102 Datasheet HTML 7Page - STMicroelectronics STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics STW4102 Datasheet HTML 10Page - STMicroelectronics STW4102 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
STw4102
Electrical characteristics
7/34
4
Electrical characteristics
Table 4.
CC/CV charger - Voper=5V, Vbatt=3.6V, Tamb = -30°C to 85° C (unless otherwise
specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply (Voper from MAIN or USB)
Icharger
Main or USB input operating current
2
mA
ISTBY
USBPWR input standby current
Charge off
40
µA
Ibatt_sense
BSENSE input current
No charge
1
µA
Ibatt
BATT input current
No charge
25
µA
POR_IS+
Power ON reset threshold+
CVIS internal supply
2.2
2.3
2.4
V
POR_IS-
Power ON reset threshold-
CVIS internal supply
2.1
2.2
2.3
V
Voltage regulation
Vcharge_acc
Output voltage accuracy
Tamb= 0°C to 85° C-1
+1
%
Rpower
Power path resistance
MAIN to BATT
0.6
Ω
Batteryovv
Static battery overvoltage detection
4.55
4.7
4.8
V
Batteryovv_hyst
Static battery overvoltage hysteresis
100
mV
Current regulation
Itrickle
Trickle charge current
Vbatt<Vtrickle
Standard configuration
Factory OTP option
30
60
60
120
100
180
mA
mA
Vtrickle
Trickle to fast charge threshold
Standard configuration
2.8
2.9
3.0
V
Vtrickle_hyst
Trickle to fast charge threshold hysteresis
100
mV
Icharge
Main charge current range
Internal path
100
1000
mA
Icharge_acc
Main charge current accuracy
Icharge> 500mA
-15
+15
%
IUSB
USB charge current
REG_CHG0[7..6]:
00
01
10
11
30
60
200
400
0
100
500
mA
mA
mA
mA
EOCHGith
End of charge threshold
% of current setting
10
%
EOCHGith_hys
End of charge threshold hysteresis
% of current setting
5
%
Tregulation
Regulated junction temperature
125
° C
Tsoftstart
Soft start from trickle to fast charge
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com