Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 13Page - STMicroelectronics STW4102 Datasheet HTML 14Page - STMicroelectronics STW4102 Datasheet HTML 15Page - STMicroelectronics STW4102 Datasheet HTML 16Page - STMicroelectronics STW4102 Datasheet HTML 17Page - STMicroelectronics STW4102 Datasheet HTML 18Page - STMicroelectronics STW4102 Datasheet HTML 19Page - STMicroelectronics STW4102 Datasheet HTML 20Page - STMicroelectronics STW4102 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
STw4102
Battery charger
17/34
6
Battery charger
6.1
Charge cycle
The charge cycle is initiated when the presence of a power source on either the MAIN or
USBPWR inputs is detected (the PWRDETECTN pin goes low), while the charger is
enabled by the CHG_ENA bit of the REG_CHG1 control register. If both supplies are
connected, the MAIN input path is selected.
The EOCHG output pin is driven low as the charge begins. If the battery voltage is lower
than the trickle threshold, the charge cycle begins in trickle mode with a low current (default
value: 60 mA) until the battery voltage reaches the trickle voltage threshold (default value:
2.9 V). Once the battery voltage rises above this threshold, the charger enters into fast
charge mode where the programmed charge current Icharge or IUSB is supplied to the
battery.
When the battery voltage approaches the programmable charge voltage (4.10V, 4.20V,
4.30V or 4.35V), the charger enters into a constant voltage charging mode and the charging
current decreases. When the current level reaches the end-of charge level (10% of Icharge),
the EOCHG status pin is switched off (open) to indicate that the battery is almost fully
charged, and the charger enters maintenance mode.
In maintenance mode, the charger continues to monitor the battery voltage to maintain the
battery voltage level. The maintenance mode lasts until the charge is stopped by clearing
the CHG_ENA bit in the REG_CHG1 control register, or by removing the power source
(PWRDETECTN is opened).
Figure 19.
Charge flow (simplified)
Trickle charge
60mA
CCCV charge
Vbatt > 2.9v
Icharge < 10%
Maintenance charge
EOCH OPEN (LED OFF)
CCCV is still ON
EOCH LOW (LED ON)
EOCH LOW (LED ON)
Icharge > 15%
Vbatt < 2.8v
Charge Off
EOCH OPEN (LED OFF)
Power detected (PWRDETECTN LOW)
Charge Stopped
EOCH OPEN (LED OFF)
Power removed (PWRDETECTN OPEN)
Battery overvoltage
or Watchdog event
Battery overvoltage
or Watchdog event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com