Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 17Page - STMicroelectronics STW4102 Datasheet HTML 18Page - STMicroelectronics STW4102 Datasheet HTML 19Page - STMicroelectronics STW4102 Datasheet HTML 20Page - STMicroelectronics STW4102 Datasheet HTML 21Page - STMicroelectronics STW4102 Datasheet HTML 22Page - STMicroelectronics STW4102 Datasheet HTML 23Page - STMicroelectronics STW4102 Datasheet HTML 24Page - STMicroelectronics STW4102 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STw4102
Low drop-out regulator
21/34
7
Low drop-out regulator
The purpose of the low drop-out regulator (LDO) is to supply the phone directly from the wall
adapter when the battery is low or not present. When the wall adapter is present, MOSFET
is off and the phone supply is regulated at 4.7 V minus the drop voltage across D1. When
the MAIN pin is not connected, MOSFET M2 is on (the gate is pulled down) and the D1
diode avoids any reverse current. The LDO output current is limited by The M1 MOSFET
and D1 diode current capabilities. An output capacitor Co of at least 15 µF is required. The
schematics are illustrated in Figure 21.
When the battery is fully discharged, the regulator can charge the battery from the main
supply and at the same time supply the phone, which avoids waiting for the battery to be
charged up to the minimum operating voltage before using the phone.
Figure 21.
Regulator
When the main supply is above the low dropout threshold LDOpower_th (about 7.2 V), then
the LDO is turned off to protect the external PMOS against high power dissipation as shown
in Figure 22. LDOpower_th hysteresis is around 0.7 V. By default, this protection feature is
enabled, but can be disabled at factory level by OTP.
Figure 22.
Supply voltage
LDODRV
LDO 4.7V
LDOFB
To phone
M2
M1
D1
Main supply
Battery power supply
Wall adapter power supply
Co >= 15uF
Main supply voltage
4.7V
7.2V
ON
ON
6.5V
Main detect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com