Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics STW4102 Datasheet HTML 10Page - STMicroelectronics STW4102 Datasheet HTML 11Page - STMicroelectronics STW4102 Datasheet HTML 12Page - STMicroelectronics STW4102 Datasheet HTML 13Page - STMicroelectronics STW4102 Datasheet HTML 14Page - STMicroelectronics STW4102 Datasheet HTML 15Page - STMicroelectronics STW4102 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical characteristics
STw4102
12/34
Figure 8.
USB standby input current vs.
temperature (charge disabled)
Figure 9.
Battery standby current vs
temperature (no MAIN, no
USBPWR, gas gauge disabled)
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
Temp (°C)
0
10
20
30
40
50
60
-50
-25
0
25
50
75
100
125
Temp (°C)
Figure 10.
Watchdog period vs. temperature
(normalized to value at 25°C)
Figure 11.
LDO output voltage vs. temperature
(10 mA output current)
Figure 12.
LDO output voltage vs. output
current
0.6
0.8
1.0
1.2
1.4
-50
-25
0
255075
100
125
Temp (°C)
4.5
4.6
4.7
4.8
4.9
-50
-25
0
25
50
75
100
125
Temp (°C)
4.4
4.5
4.6
4.7
4.8
4.9
5.0
0
500
1000
1500
LDOi (mA)
Vmain=6V
Vmain=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com