Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 20Page - STMicroelectronics STW4102 Datasheet HTML 21Page - STMicroelectronics STW4102 Datasheet HTML 22Page - STMicroelectronics STW4102 Datasheet HTML 23Page - STMicroelectronics STW4102 Datasheet HTML 24Page - STMicroelectronics STW4102 Datasheet HTML 25Page - STMicroelectronics STW4102 Datasheet HTML 26Page - STMicroelectronics STW4102 Datasheet HTML 27Page - STMicroelectronics STW4102 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Factory OTP options
STw4102
24/34
9
Factory OTP options
Table 14 summarizes the one-time programming (OTP) options offered by
STMicroelectronics to customize the STw4102 at factory level.
For any option request other than the standard configuration (default values), contact
STMicroelectronics to get a specific order code.
Table 14.
Factory OTP options
Option
Configuration bits
Value
TRICKLE current (wall adapter
charge only)
OTP_TC=0 (default)
OTP_TC=1
60 mA
120 mA
TRICKLE threshold voltage
OTP_TV1, OTP_TV0 :
00
01
10
11 (default)
2.3 V
2.5 V
2.7 V
2.9 V
MAIN input mode at powerup
OTP_SEL_DC_USB=0 (default)
OTP_SEL_DC_USB=1
Wall adapter mode
USB mode
Watchdog state at powerup
OTP_WD_ENA=0
OTP_WD_ENA=1 (default)
Disabled
Enabled
Watchdog period at powerup
OTP_WD_TIME1, OTP_WD_TIME0 :
00 (default)
01
10
11
1 min
15 min
30 min
60 min
Power switch
OPT_IEPD=0 (default)
OPT_IEPD=1
Internal
External
Sense resistor
OPT_IERSENSE=0 (default)
OPT_IERSENSE=1
Internal
External
LDO overvoltage protection
OPT_LDOEXT_PRO=0
OPT_LDOEXT_PRO=1 (default)
Disabled
Enabled
I2C ID address
OTP_ID2, OTP_ID1, OTP_ID0 :
000 (default)
001
010
011
100
101
110
111
70h
71h
72h
73h
74h
75h
76h
77h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com