Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4102 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 4 Page - STMicroelectronics

  STW4102 Datasheet HTML 1Page - STMicroelectronics STW4102 Datasheet HTML 2Page - STMicroelectronics STW4102 Datasheet HTML 3Page - STMicroelectronics STW4102 Datasheet HTML 4Page - STMicroelectronics STW4102 Datasheet HTML 5Page - STMicroelectronics STW4102 Datasheet HTML 6Page - STMicroelectronics STW4102 Datasheet HTML 7Page - STMicroelectronics STW4102 Datasheet HTML 8Page - STMicroelectronics STW4102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Block diagram
STw4102
4/34
1
Block diagram
Figure 1.
Internal block diagram
Driver
Current Sense
Voltage
Current
Regulation
Main
USB
Detect
CC/CV
Main Power Device (max 1A)
USB Power Device (max 500mA)
Voltage Sense
Thermal regulation
EOCHG
adapter
Detect
Charge Voltage
Charge current
CC/CV
configuration
Trickle current
Trickle threshold
LDO driver 4.7V
Main supply
AD converter
12 bits + sign bit
24 bit accumulator
Control registers
Current defined by
external resistor
Power On
I2C interface
Reset
Vref
Internal
Supply
VOUT
SENSE
BATT
BATTSENSE
ISET
CVIS
STDBY
C32KHZ
ICG+
ICG-
GND
RESETN
SDA
SCL
VIO
LDOFB
LDODRV
CVREF
PWRDETECTN
MAIN
USBPWR
DRIVER
AD converter
7-12 bits
Control
Registers
Battery voltage
Charge Control
Registers
LDO
Battery Monitoring
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com