Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 31Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 32Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 33Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 34Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 35Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 36Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 37Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 38Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 35 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
(4) Pulse period measurement mode
• Mode selection
This mode can be selected by setting “010” to the timer Z
operating mode bits (bits 2 to 0) and setting “0” to the
timer/event counter mode switch bit (b7) of the timer Z mode
register (address 002A16).
• Count source selection
In high- or middle-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256, 1/512 or 1/1024 of f(XIN); or f(XCIN) can be
selected as the count source.
In low-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256,
1/512 or 1/1024 of f(XCIN); or f(XCIN) can be selected as the
count source.
• Interrupt
The interrupt at an underflow is the same as the timer mode’s.
When the pulse period measurement is completed, the
INT4/CNTR2 interrupt request bit (bit 5) of the interrupt request
register 2 (address 003D16) is set to “1”.
• Explanation of operation
The cycle of the pulse which is input from the CNTR2 pin is
measured. When the CNTR2 active edge switch bit (bit 5) of the
timer Z mode register (address 002A16) is “0”, the timer counts
during the term from one falling edge of CNTR2 pin input to the
next falling edge. When it is “1”, the timer counts during the
term from one rising edge input to the next rising edge input.
When the valid edge of measurement completion/start is
detected, the 1’s complement of the timer value is written to the
timer latch and “FFFF16” is set to the timer.
Furthermore when the timer underflows, the timer Z interrupt
request occurs and “FFFF16” is set to the timer. When reading the
timer Z, the value of the timer latch (measured value) is read.
The measured value is retained until the next measurement
completion.
• Precautions
Set the double-function port of CNTR2 pin and port P47 to input
in this mode.
A read-out of timer value is impossible in this mode. The timer
can be written to only during timer stop (no measurement of
pulse period).
Since the timer latch in this mode is specialized for the read-out
of measured values, do not perform any write operation during
measurement.
“FFFF16” is set to the timer when the timer underflows or when
the valid edge of measurement start/completion is detected.
Consequently, the timer value at start of pulse period
measure m ent depends on the timer value just be fore
measurement start.
Figure.28 show s the timing chart of the pulse peri od
measurement mode.
(5) Pulse width measurement mode
• Mode selection
This mode can be selected by setting “011” to the timer Z
operating mode bits (bits 2 to 0) and setting “0” to the
timer/event counter mode switch bit (b7) of the timer Z mode
register (address 002A16).
• Count source selection
In high- or middle-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64,
1/128, 1/256, 1/512 or 1/1024 of f(XIN); or f(XCIN) can be
selected as the count source.
In low-speed mode, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256,
1/512 or 1/1024 of f(XCIN); or f(XCIN) can be selected as the
count source.
• Interrupt
The interrupt at an underflow is the same as the timer mode’s.
When the pulse widths measurement is completed, the
INT4/CNTR2 interrupt request bit (bit 5) of the interrupt request
register 2 (address 003D16) is set to “1”.
• Explanation of operation
The pulse width which is input from the CNTR2 pin is measured.
When the CNTR2 active edge switch bit (bit 5) of the timer Z
mode register (address 002A16) is “0”, the timer counts during
the term from one rising edge input to the next falling edge input
(“H” term). When it is “1”, the timer counts during the term from
one falling edge of CNTR2 pin input to the next rising edge of
input (“L” term).
When the valid edge of measurement completion is detected, the
1’s complement of the timer value is written to the timer latch.
When the valid edge of measurement completion/start is
detected, “FFFF16” is set to the timer.
When the timer Z underflows, the timer Z interrupt occurs and
“FFFF16” is set to the timer Z. When reading the timer Z, the
value of the timer latch (measured value) is read. The measured
value is retained until the next measurement completion.
• Precautions
Set the double-function port of CNTR2 pin and port P47 to input
in this mode.
A read-out of timer value is impossible in this mode. The timer
can be written to only during timer stop (no measurement of
pulse widths).
Since the timer latch in this mode is specialized for the read-out
of measured values, do not perform any write operation during
measurement.
“FFFF16” is set to the timer when the timer underflows or when
the valid edge of measurement start/completion is detected.
Consequently, the timer value at start of pulse width
measure m ent de pends on the timer value just be fore
measurement start.
Figure.29 shows the timing chart of the pulse width measurement
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com