Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 77Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 78Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 79Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 80Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 81Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 82Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 79 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES:
1. When the P35/TXD3 P4-channel output disable bit of the UART3 control register (bit 4 of address 003316) is “0”.
Table 21
Switching characteristics (2)
(VCC = 2.0 to 5.5 V, VSS = 0V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Test
conditions
Limits
Unit
Min.
Typ.
Max.
tf(SCLK2)
Serial I/O2
fall time of clock output
4.5
≤ VCC ≤ 5.5 V
Fig.64
30
ns
4.0
≤ VCC < 4.5 V
35
2.7
≤ VCC < 4.0 V
40
2.2
≤ VCC < 2.7 V
45
2.0
≤ VCC < 2.2 V
50
tr(CMOS)
CMOS
rise time of output(1)
4.5
≤ VCC ≤ 5.5 V
10
30
ns
4.0
≤ VCC < 4.5 V
12
35
2.7
≤ VCC < 4.0 V
15
40
2.2
≤ VCC < 2.7 V
17
45
2.0
≤ VCC < 2.2 V
20
50
tf(CMOS)
CMOS
fall time of output(1)
4.5
≤ VCC ≤ 5.5 V
10
30
ns
4.0
≤ VCC < 4.5 V
12
35
2.7
≤ VCC < 4.0 V
15
40
2.2
≤ VCC < 2.7 V
17
45
2.0
≤ VCC < 2.2 V
20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com