Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 7Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 8Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 9Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 10Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 11Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 12Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 13Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 11 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 7.
Register push and pop at interrupt generation and subroutine call
Interrupt request
(Note)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(
S)
←(S) − 1
Execute RTS
Subroutine
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
M(S)
←(PCH)
(S)
←(S) − 1
M(S)
←(PCL)
(S)
←(S) − 1
M(S)
←(PS)
(S)
←(S) − 1
Interrupt
Service Routine
(S)
←(S) + 1
(PS)
←M(S)
(S)
←(S) + 1
(PCL)
←M(S)
(S)
←(S) + 1
(PCH)
←M(S)
Execute JSR
Execute RTI
Push Return Address
on Stack
Push Contents of
Processor
Status Register on Stack
I Flag is Set from
“0” to “1”
Fetch the Jump
Vector
POP Contents of
Processor Status Register
from Stack
POP Return
Address from Stack
POP Return
Address from
Stack
Push Return
Address
on Stack
Note : Condition for acceptance of an interrupt
→ Interrupt enable flag is “1”
Interrupt disable flag is “0”
On-going Routine
Table 6
Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com