Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 43Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 44Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 45Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 46Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 47Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 48Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 49Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 50Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 47 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
3. SRDY1 output of reception side
•Note
When signals are output from the SRDY1 pin on the reception
side by using an external clock in the clock synchronous serial
I/O mode, set all of the receive enable bit, the SRDY1 output
enable bit, and the transmit enable bit to “1” (transmit
enabled).
4. Setting serial I/O1 control register again
•Note
Set the serial I/O1 control register again after the transmission
and the reception circuits are reset by clearing both the
transmit enable bit and the receive enable bit to “0”.
5.Data transmission control with referring to transmit shift
register completion flag
• Note
After the transmit data is written to the transmit buffer register,
the transmit shift register completion flag changes from “1” to
“0” with a delay of 0.5 to 1.5 shift clocks. When data
transmission is controlled with referring to the flag after
writing the data to the transmit buffer register, note the delay.
6. Transmission control when external clock is selected
•Note
When an external clock is used as the synchronous clock for
data transmission, set the transmit enable bit to “1” at “H” of
the SCLK1 input level. Also, write data to the transmit buffer
register at “H” of the SCLK1 input level.
7. Transmit interrupt request when transmit enable bit is set
•Note
When using the transmit interrupt, take the following
sequence.
1. Set the serial I/O1 transmit interrupt enable bit to “0” (dis-
abled).
2. Set the transmit enable bit to “1”.
3. Set the serial I/O1 transmit interrupt request bit to “0” after
1 or more instruction has executed.
4. Set the serial I/O1 transmit interrupt enable bit to “1”
(enabled).
•Reason
When the transmit enable bit is set to “1”, the transmit buffer
empty flag and the transmit shift register shift completion flag
are also set to “1”. Therefore, regardless of selecting which
timing for the generating of transmit interrupts, the interrupt
request is generated and the transmit interrupt request bit is set
at this point.
Clear both the transmit enable
bit (TE) and the receive enable
bit (RE) to “0”
Set the bits 0 to 3 and bit 6 of
the serial I/O1 control register
Set both the transmit enable bit
(TE) and the receive enable bit
(RE), or one of them to “1”
Can be set with the
LDM
instruction at
the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com