Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 40Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 41Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 42Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 43Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 44Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 45Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 46Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 47Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 44 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
[Transmit Buffer Register 1/Receive Buffer Register 1
(TB1/RB1)] 001816
The transmit buffer register 1 and the receive buffer register 1 are
located at the same address. The transmit buffer is write-only and
the receive buffer is read-only. If a character bit length is 7 bits,
the MSB of data stored in the receive buffer is “0”.
[Serial I/O1 Status Register (SIO1STS)] 001916
The read-only serial I/O1 status register consists of seven flags
(bits 0 to 6) which indicate the operating status of the serial I/O1
function and various errors.
Three of the flags (bits 4 to 6) are valid only in UART mode.
The receive buffer full flag (bit 1) is cleared to “0” when the
receive buffer register is read.
If there is an error, it is detected at the same time that data is
transferred from the receive shift register to the receive buffer
register, and the receive buffer full flag is set. A write to the
serial I/O1 status register clears all the error flags OE, PE, FE,
and SE (bit 3 to bit 6, respectively). Writing “0” to the serial I/O1
enable bit SIOE (bit 7 of the serial I/O1 control register) also
clears all the status flags, including the error flags.
Bits 0 to 6 of the serial I/O1 status register are initialized to “0” at
reset, but if the transmit enable bit (bit 4) of the serial I/O1
control register has been set to “1”, the transmit shift completion
flag (bit 2) and the transmit buffer empty flag (bit 0) become “1”.
[Serial I/O1 Control Register (SIO1CON)] 001A16
The serial I/O1 control register consists of eight control bits for
the serial I/O1 function.
[UART1 Control Register (UART1CON)] 001B16
The UART control register consists of four control bits (bits 0 to
3) which are valid when asynchronous serial I/O is selected and
set the data format of an data transfer, and one bit (bit 4) which is
always valid and sets the output structure of the P45/TXD1 pin.
[Baud Rate Generator 1 (BRG1)] 001C16
The baud rate generator determines the baud rate for serial
transfer.
The baud rate generator divides the frequency of the count source
by 1/(n + 1), where n is the value written to the baud rate
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com