Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 11Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 12Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 13Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 15Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 16Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 17Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 18Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 15 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
MEMORY
• Special Function Register (SFR) Area
The Special Function Register area in the zero page contains
control registers such as I/O ports and timers.
• RAM
The RAM is used for data storage and for stack area of
subroutine calls and interrupts.
•ROM
The first 128 bytes and the last 2 bytes of ROM are reserved for
device testing and the rest is a user area for storing programs. In
the QzROM version, 1 byte of address FFDB16 is also a reserved
area.
• Interrupt Vector Area
The interrupt vector area contains reset and interrupt vectors.
• Zero Page
Access to this area with only 2 bytes is possible in the zero page
addressing mode.
• Special Page
Access to this area with only 2 bytes is possible in the special
page addressing mode.
• ROM Code Protect Address (address FFDB16)
Address FFDB16, which is the reserved ROM area of QzROM, is
the ROM code protect address. “0016” or “FE16” is written into
this address when selecting the protect bit write by using a serial
programmer or selecting protect enabled for writing shipment by
Renesas Technology corp.. When “0016” or “FE16” is set to the
ROM code protect address, the protect function is enabled, so
that reading or writing from/to QzROM is disabled by a serial
programmer.
As for the QzROM product in blank, the ROM code is protected
by selecting the protect bit write at ROM writing with a serial
programmer.
The protect can be performed, dividing twice. The protect area 1
is from the beginning address of ROM to address “EFFF16”. As
for the QzROM product shipped after writing, “0016” (protect
enabled to all area), “FE16” (protect enabled to the protect area 1)
or “FF16” (protect disabled) is written into the ROM code protect
address when Renesas Technology corp. performs writing.
The writing of “0016”, “FE16” or “FF16” can be selected as ROM
option setup (“MASK option” written in the mask file converter)
when ordering.
<Notes>
Since the contents of RAM are undefined at reset, be sure to set
an initial value before use.
Fig 10. Memory map diagram
SFR area
SFR area
Interrupt vector area
Zero page
Special page
Reserved ROM area
Reserved ROM area
(128 bytes)
User ROM area
RAM
ROM
010016
000016
004016
0FDF16
0FE016
FF0016
083F16
084016
FFFE16
FFFF16
YYYY16
ZZZZ16
Not used
FFDB16
Not used
0FFF16
100016
Reserved ROM area
(ROM code protect address)
FFDC16
RAM area
RAM size
(bytes)
Address
XXXX16
192
256
384
512
640
768
896
1024
1536
2048
00FF16
013F16
01BF16
023F16
02BF16
033F16
03BF16
043F16
063F16
083F16
ROM area
ROM size
(bytes)
Address
YYYY16
4096
8192
12288
16384
20480
24576
28672
32768
36864
40960
45056
49152
53248
57344
61440
F00016
E00016
D00016
C00016
B00016
A00016
900016
800016
700016
600016
500016
400016
300016
200016
100016
Address
ZZZZ16
F08016
E08016
D08016
C08016
B08016
A08016
908016
808016
708016
608016
508016
408016
308016
208016
108016
EFFF16
F00016
Protect area 1
XXXX16
Reserved area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com