Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 80Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 81Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 82Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 83Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 84Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 85Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 86Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 87Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 84 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
APPENDIX
NOTES ON PROGRAMMING
1. Processor Status Register
(1) Initializing of processor status register
Flags which affect program execution must be initialized after a reset.
In particular, it is essential to initialize the T and D flags because
they have an important effect on calculations.
<Reason>
After a reset, the contents of the processor status register (PS) are
undefined except for the I flag which is “1”.
Fig 1.
Initialization of processor status register
(2) How to reference the processor status register
To reference the contents of the processor status register (PS),
execute the PHP instruction once then read the contents of (S+1).
If necessary, execute the PLP instruction to return the PS to its
original status.
Fig 2.
Stack memory contents after PHP instruction
execution
2. BRK instruction
(1) Interrupt priority level
When the BRK instruction is executed with the following
conditions satisfied, the interrupt execution is started from the
address of interrupt vector which has the highest priority.
• Interrupt request bit and interrupt enable bit are set to “1”.
• Interrupt disable flag (I) is set to “1” to disable interrupt.
3. Decimal calculations
(1) Execution of decimal calculations
The ADC and SBC are the only instructions which will yield
proper decimal notation, set the decimal mode flag (D) to “1”
with the SED instruction. After executing the ADC or SBC
instruction, execute another instruction before executing the
SEC, CLC, or CLD instruction.
(2) Notes on status flag in decimal mode
When decimal mode is selected, the values of three of the flags in
the status register (the N, V, and Z flags) are invalid after a ADC
or SBC instruction is executed.
The carry flag (C) is set to “1” if a carry is generated as a result of the
calculation, or is cleared to “0” if a borrow is generated. To
determine whether a calculation has generated a carry, the C flag
must be initialized to “0” before each calculation. To check for a
borrow, the C flag must be initialized to “1” before each calculation.
Fig 3.
Execution of decimal calculations
4. JMP instruction
When using the JMP instruction in indirect addressing mode, do
not specify the last address on a page as an indirect address.
5. Multiplication and Division Instructions
• The index X mode (T) and the decimal mode (D) flags do not
affect the MUL and DIV instruction.
• The execution of these instructions does not change the
contents of the processor status register.
6. Ports
The contents of the port direction registers cannot be read. The
following cannot be used:
• The data transfer instruction (LDA, etc.)
• The operation instruction when the index X mode flag (T) is “1”
• The instruction with the addressing mode which uses the value
of a direction register as an index
• The bit-test instruction (BBC or BBS, etc.) to a direction
register
• The read-modify-write instructions (ROR, CLB, or SEB, etc.)
to a direction register.
Use instructions such as LDM and STA, etc., to set the port
direction registers.
7. Instruction Execution Timing
The instruction execution time can be obtained by multiplying
the frequency of the internal clock
φ by the number of cycles
mentioned in the 740 Family Software Manual.
The frequency of the internal clock
φ is the twice the XIN cycle in
high-speed mode, 8 times the XIN cycle in middle-speed mode,
and the twice the XCIN in low-speed mode.
8. Reserved Area, Reserved Bit
Do not write any data to the reserved area in the SFR area and the
special page. (Do not change the contents after reset.)
9. CPU Mode Register
Be sure to fix bit 3 of the CPU mode register (address 003B16) to
“1”.
Reset
Initializing of flags
Main program
Stored PS
(S)
(S) + 1
Set D flag to “1”
ADC or SBC instruction
NOP instruction
SEC, CLC, or CLD instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com