Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 27Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 28Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 29Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 30Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 31Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 32Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 33Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 34Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 31 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 21. Block diagram of timer X, timer Y, timer 1, and timer 2
Q
Q
“1”
“0”
P54/CNTR0
Q
Q
P55/CNTR1
“0”
“1”
R
R
“1”
“0”
“0”
“1”
T
T
Prescaler X latch (8)
Prescaler X (8)
Timer X latch (8)
Timer X (8)
To timer X interrupt
request bit
Toggle flip-flop
Timer X count stop bit
Pulse width
measurement
mode
Event
counter
mode
To CNTR0 interrupt
request bit
Pulse output mode
Port P54
latch
Port P54
direction register
CNTR0 active
edge switch bit
Timer X latch write pulse
Pulse output mode
Timer mode
Pulse output mode
Prescaler Y latch (8)
Prescaler Y (8)
Timer Y latch (8)
Timer Y (8)
To timer Y interrupt
request bit
Toggle flip-flop
Timer Y count stop bit
To CNTR1 interrupt
request bit
Pulse output mode
Port P55
latch
Port P55
direction register
CNTR1 active
edge switch bit
Timer Y latch write pulse
Pulse output mode
Timer mode
Pulse output mode
Prescaler 12 latch (8)
Prescaler 12 (8)
Timer 1 latch (8)
Timer 1 (8)
Timer 2 latch (8)
Timer 2 (8)
To timer 2 interrupt
request bit
To timer 1 interrupt
request bit
CNTR0 active
edge switch bit
CNTR1 active
edge switch bit
Pulse width
measurement
mode
Event
counter
mode
Clock for timer 12
Data bus
Data bus
Data bus
XIN
(1/2, 1/4, 1/8, 1/16, 1/32, 1/64, 1/128, 1/256, 1/512, 1/1024)
Divider
Count source
selection bit
Main clock
division ratio
selection bits
“00”
“11”
“10”
XCIN
f(XCIN)
Count source selection bit
f(XCIN)
Clock for timer Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com