Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 63Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 64Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 65Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 66Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 67Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 68Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 69Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 70Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 67 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
Fig 62. State transitions of system clock
CM4 : Port XC switch bit
0 : I/O port function (stop oscillating)
1 : XCIN-XCOUT oscillating function
CM5 : Main clock (XIN-XOUT) stop bit
0 : Operating
1 : Stopped
CM7, CM6: Main clock division ratio selection bit
b7 b6
00 :
φ = f(XIN)/2 (High-speed mode)
01 :
φ = f(XIN)/8 (Middle-speed mode)
10 :
φ = f(XCIN)/2 (Low-speed mode)
1 1 : Not available
Reset
C
M
4
“0
”
←
→
”1
”
C
M
6
“1
”
←
→
”0
”
C
M
4
“1
”←
→
”0
”
C
M
6
“1
”←
→
”0
”
CM6
“1”
←→”0”
CM6
“1”
←→”0”
CPU mode register
(CPUM : address 003B16)
b7
b4
C
M
7
“0
”
←
→
”1
”
C
M
6
“1
”
←
→
”0”
High-speed mode
(f(
φ) = 4 MHz)
CM7=0
CM6=0
CM5=0 (8 MHz oscillating)
CM4=0 (32 kHz stopped)
High-speed mode
(f(
φ) = 4 MHz)
CM7=0
CM6=0
CM5=0 (8 MHz oscillating)
CM4=1 (32 kHz oscillating)
Notes1: Switch the mode by the allows shown between the mode blocks. (Do not switch between the modes directly without an allow.)
2: The all modes can be switched to the stop mode or the wait mode and return to the source mode when the stop mode or the
wait mode is ended.
3: Timer operates in the wait mode.
4: When the stop mode is ended, a delay of approximately 1 ms occurs by connecting prescaler 12 and Timer 1 in middle/high-
speed mode.
5: When the stop mode is ended, a delay of approximately 0.25 s occurs by Timer 1 and Timer 2 in low-speed mode.
6: Wait until oscillation stabilizes after oscillating the main clock X IN before the switching from the low-speed mode to middle/
high-speed mode.
7: The example assumes that 8 MHz is being applied to the XIN pin and 32 kHz to the XCIN pin.
φ indicates the internal clock.
Middle-speed mode
(f(
φ) = 1 MHz)
CM7=0
CM6=1
CM5=0 (8 MHz oscillating)
CM4=0 (32 kHz stopped)
Middle-speed mode
(f(
φ) = 1 MHz)
CM7=0
CM6=1
CM5=0 (8 MHz oscillating)
CM4=1 (32 kHz oscillating)
Low-speed mode
(f(
φ) = 16 kHz)
CM7=1
CM6=0
CM5=0 (8 MHz oscillating)
CM4=1 (32 kHz oscillating)
Low-speed mode
(f(
φ) = 16 kHz)
CM7=1
CM6=0
CM5=1 (8 MHz stopped)
CM4=1 (32 kHz oscillating)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com