Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 10Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 11Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 12Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 13Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 15Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 16Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 17Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 14 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
MISRG
(1) Bit 0 of address 001016: Oscillation stabilizing time
set after STP instruction released bit
When the MCU stops the clock oscillation by the STP
instruction and the STP instruction has been released by an
external interrupt source, usually, the fixed values of Timer 1
and Prescaler 12 (Timer 1 = 0116, Prescaler 12 = FF16) are
automatically reloaded in order for the oscillation to
stabilize. The user can inhibit the automatic setting by setting
“1” to bit 0 of MISRG (address 001016).
However, by setting this bit to “1”, the previous values, set
just before the STP instruction was executed, will remain in
Timer 1 and Prescaler 12. Therefore, you will need to set an
appropriate value to each register, in accordance with the
oscillation stabilizing time, before executing the STP
instruction.
Figure.9 shows the structure of MISRG.
(2) Bits 1, 2, 3 of address 001016: Middle-speed Mode
Automatic Switch Function
In order to switch the clock mode of an MCU which has a
sub-clock, the following procedure is necessary:
set CPU mode register (003B16) --> start main clock
oscillation --> wait for oscillation stabilization --> switch to
middle-speed mode (or high-speed mode).
However, the 3803 group (Spec.H QzROM version) has the
built-in function which automatically switches from low to
middle-speed mode by program.
• Middle-speed mode automatic switch by program
The middle-speed mode can also be automatically switched
by program while operating in low-speed mode. By setting
the middle-speed automatic switch start bit (bit 3) of MISRG
(address 001016) to “1” in the condition that the middle-
speed mode automatic switch set bit is “1” while operating in
low-speed mode, the MCU will automatically switch to
middle-speed mode. In this case, the oscillation stabilizing
time of the main clock can be selected by the middle-speed
automatic switch wait time set bit (bit 2) of MISRG (address
001016).
Fig 9.
Structure of MISRG
MISRG
MISRG: address 001016)
b7
b0
Oscillation stabilizing time set after STP instruction
released bit
0 : Automatically set “0116” to Timer 1, “FF16” to
Prescaler 12
1 : Automatically set disabled
Middle-speed mode automatic switch set bit
0 : Not set automatically
1 : Automatic switching enabled (Note)
Middle-speed mode automatic switch wait time set bit
0 : 4.5 to 5.5 machine cycles
1 : 6.5 to 7.5 machine cycles
Middle-speed mode automatic switch start bit
(Depending on program)
0 : Invalid
1 : Automatic switch start (Note)
Not used (return “0” when read)
(Do not write “1” to this bit)
Note : When automatic switch to middle-speed mode from low-speed mode occurs,
the values of CPU mode register (3B16) change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com