Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 9Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 10Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 11Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 12Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 13Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 14Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 15Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 16Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 13 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit, the
internal system clock control bits, etc.
The CPU mode register is allocated at address 003B16.
Fig 8.
Structure of CPU mode register
CPU mode register
(CPUM: address 003B16)
b7
b0
Stack page selection bit
0 : 0 page
1 : 1 page
Processor mode bits
b1 b0
0
0 : Single-chip mode
01 :
1
0 :
Not available
11 :
Main clock division ratio selection bits
b7 b6
00
:
φ = f(XIN)/2 (high-speed mode)
01
:
φ = f(XIN)/8 (middle-speed mode)
10
:
φ = f(XCIN)/2 (low-speed mode)
1
1
: Not available
Fix this bit to “1”.
1
Port XC switch bit
0 : I/O port function (stop oscillating)
1: XCIN-XCOUT oscillating function
Main clock (XIN-XOUT) stop bit
0 : Oscillating
1 : Stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com