Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38039G6HKP Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # M38039G6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039G6HKP Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button M38039G6HKP Datasheet HTML 73Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 74Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 75Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 76Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 77Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 78Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 79Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 80Page - Renesas Technology Corp M38039G6HKP Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 92 page
background image
Rev.1.10
Nov 14, 2005
Page 77 of 91
REJ03B0166-0110
3803 Group (Spec.H QzROM version)
PRELIMINARY
Notice: This is not a final specification.
Some parametric limits are subject to change.
NOTES:
1. When bit 6 of address 001A16 and bit 6 of address 003216 are “1” (clock synchronous).
Divide this value by four when bit 6 of address 001A16 and bit 6 of address 003216 are “0” (UART).
Table 19
Timing requirements (2)
(VCC = 2.0 to 5.5 V, VSS = 0V, Ta =
−20 to 85 °C, unless otherwise noted)
Symbol
Parameter
Limits
Unit
Min.
Typ.
Max.
tC(SCLK1)
tC(SCLK3)
Serial I/O1, serial I/O3
clock input cycle time(1)
4.5
≤ VCC ≤ 5.5 V
250
ns
4.0
≤ VCC < 4.5 V
320
2.7
≤ VCC < 4.0 V
500
2.2
≤ VCC < 2.7 V
1000
2.0
≤ VCC < 2.2 V
2000
tWH(SCLK1)
tWH(SCLK3)
Serial I/O1, serial I/O3
clock input “H” pulse width(1)
4.5
≤ VCC ≤ 5.5 V
120
ns
4.0
≤ VCC < 4.5 V
150
2.7
≤ VCC < 4.0 V
240
2.2
≤ VCC < 2.7 V
480
2.0
≤ VCC < 2.2 V
950
tWL(SCLK1)
tWL(SCLK3)
Serial I/O1, serial I/O3
clock input “L” pulse width(1)
4.5
≤ VCC ≤ 5.5 V
120
ns
4.0
≤ VCC < 4.5 V
150
2.7
≤ VCC < 4.0 V
240
2.2
≤ VCC < 2.7 V
480
2.0
≤ VCC < 2.2 V
950
tsu(RxD1-SCLK1)
tsu(RxD3-SCLK3)
Serial I/O1, serial I/O3
clock input setup time
4.5
≤ VCC ≤ 5.5 V
70
ns
4.0
≤ VCC < 4.5 V
90
2.7
≤ VCC < 4.0 V
100
2.2
≤ VCC < 2.7 V
200
2.0
≤ VCC < 2.2 V
400
th(SCLK1-RxD1)
th(SCLK3-RxD3)
Serial I/O1, serial I/O3
clock input hold time
4.5
≤ VCC ≤ 5.5 V
32
ns
4.0
≤ VCC < 4.5 V
40
2.7
≤ VCC < 4.0 V
50
2.2
≤ VCC < 2.7 V
100
2.0
≤ VCC < 2.2 V
200
tC(SCLK2)Serial I/O2
clock input cycle time
4.5
≤ VCC ≤ 5.5 V
500
ns
4.0
≤ VCC < 4.5 V
650
2.7
≤ VCC < 4.0 V
1000
2.2
≤ VCC < 2.7 V
2000
2.0
≤ VCC < 2.2 V
4000
tWH(SCLK2)Serial I/O2
clock input “H” pulse width
4.5
≤ VCC ≤ 5.5 V
200
ns
4.0
≤ VCC < 4.5 V
260
2.7
≤ VCC < 4.0 V
400
2.2
≤ VCC < 2.7 V
950
2.0
≤ VCC < 2.2 V
2000
tWL(SCLK2)Serial I/O2
clock input “L” pulse width
4.5
≤ VCC ≤ 5.5 V
200
ns
4.0
≤ VCC < 4.5 V
260
2.7
≤ VCC < 4.0 V
400
2.2
≤ VCC < 2.7 V
950
2.0
≤ VCC < 2.2 V
2000
tsu(SIN2-SCLK2)Serial I/O2
clock input setup time
4.5
≤ VCC ≤ 5.5 V
100
ns
4.0
≤ VCC < 4.5 V
130
2.7
≤ VCC < 4.0 V
200
2.2
≤ VCC < 2.7 V
400
2.0
≤ VCC < 2.2 V
800
th(SCLK2-SIN2)Serial I/O2
clock input hold time
4.5
≤ VCC ≤ 5.5 V
100
ns
4.0
≤ VCC < 4.5 V
130
2.7
≤ VCC < 4.0 V
150
2.2
≤ VCC < 2.7 V
300
2.0
≤ VCC < 2.2 V
600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com