Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 32Page - Renesas Technology Corp 7480 Datasheet HTML 33Page - Renesas Technology Corp 7480 Datasheet HTML 34Page - Renesas Technology Corp 7480 Datasheet HTML 35Page - Renesas Technology Corp 7480 Datasheet HTML 36Page - Renesas Technology Corp 7480 Datasheet HTML 37Page - Renesas Technology Corp 7480 Datasheet HTML 38Page - Renesas Technology Corp 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
35
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
A transmit data collision is detected between LSB and MSB of
transmit data in the clock synchronous serial I/O mode or between
the start bit and stop bit of transmit data in the UART mode. Bus
collision detection can be performed by both the internal clock and
the external clock.
A block diagram is shown in Figure 34. A timing diagram is shown
in Figure 35. A bus collision detection control register is shown in
Figure 36.
Fig. 34 Block diagram of bus arbitration interrupt circuit
Fig. 36 Structure of bus collision detection control register
TXD
RXD
Shift clock
D
Q
Bus arbitration interrupt
request
Bus collision detection
enable bit
TE
Transmit shift clock
Transmit pin TxD
Receive pin RxD
Bus arbitration interrupt
generation
Data collision
Bus Collision Detection
The 7480/7481 group can detect a bus collision by setting the bus
collision detection enable bit to “1”.
When transmission is started in the clock synchronous or asyn-
chronous (UART) serial I/O mode, the transmit pin TxD is
compared with the receive pin RxD in synchronization with a rising
edge of transmit shift clock. If they do not coincide with each other,
a bus arbitration interrupt request occurs (bus collision detection).
Fig. 35 Timing diagram of bus arbitration interrupt
b7
b0
Bus collision detection control register
(BUSARBCON address 00E5 16)
Bus collision detection enable bit
0 : Collision detection disabled
1 : Collision detection enabled
Not used (“0” at read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com