Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 48Page - Renesas Technology Corp 7480 Datasheet HTML 49Page - Renesas Technology Corp 7480 Datasheet HTML 50Page - Renesas Technology Corp 7480 Datasheet HTML 51Page - Renesas Technology Corp 7480 Datasheet HTML 52Page - Renesas Technology Corp 7480 Datasheet HTML 53Page - Renesas Technology Corp 7480 Datasheet HTML 54Page - Renesas Technology Corp 7480 Datasheet HTML 55Page - Renesas Technology Corp 7480 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
51
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
tents of the processor status register.
DATA REQUIRED FOR MASK ORDERING
Please submit the following data when placing mask orders.
(1) Mask ROM confirmation form
(2) Mark specification form
(3) ROM data .......................................................... EPROM 3 sets
DATA REQ UIRED FOR ROM WRITING
ORDERING
Please submit the following data when placing ROM writing or-
ders.
(1) ROM writing confirmation form
(2) Mark specification form
(3) ROM data .......................................................... EPROM 3 sets
ADDRESSING MODES
The 7480/7481 group has strong accessability, because it has 17
kinds of addressing modes. For details, refer to the 740 family ad-
dressing modes.
MACHINE-LANGUAGE INSTRUCTIONS
The 7480/7481 group has 71 machine-language instructions. For
details, refer to the 740 family machine-language instruction list.
NOTES ON PROGRAMMING
(1) The frequency division ratio of the timer is 1/(n+1).
n: Timer setting value
However, n = 0 – 255 (for timer 1, timer 2)
n = 0 – 65535 (timer X, timer Y)
(2) The contents of the interrupt request bits can be changed by
software, but the values will not change immediately after be-
ing overwritten.
After changing the value of the interrupt request bits, execute
at least one instruction before executing a the BBC or BBS in-
struction.
(3) To calculate in decimal notation, set the decimal mode flag (D)
to “1”. After executing the ADC or SBC instruction, execute
another instruction before executing the SEC, CLC, or CLD in-
struction.
(4) A NOP instruction should be executed after every PLP instruc-
tion.
(5) Do not execute the STP instruction during A-D conversion.
(6) Multiplication and Division Instructions
The index X mode (T) and the decimal mode (D) flags do not
affect the MUL and DIV instructions.
The execution of these instructions does not change the con-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com