Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 19Page - Renesas Technology Corp 7480 Datasheet HTML 20Page - Renesas Technology Corp 7480 Datasheet HTML 21Page - Renesas Technology Corp 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp 7480 Datasheet HTML 25Page - Renesas Technology Corp 7480 Datasheet HTML 26Page - Renesas Technology Corp 7480 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
22
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
s Note
The timer value cannot be read in this mode. A timer value can be
set while a timer operation stops (not under pulse width measure-
ment).
Since the timer latch of this mode becomes read only, do not per-
form a write operation during measurement.
The timer is set to “FFFF16” only when a timer underflows or when
the active edge of pulse width measurement is detected.
Accordingly, the timer value at a start of measurement depends on
the timer value provided before the start of measurement.
Figure 22 shows a timing diagram in the pulse width measurement
mode.
(5) Programmable Waveform Generation Mode
q Mode Selection
This mode is selected by setting b2, b1 and b0 of TXM or TYM
to “100”.
q Count Source Selection
The count source is f(XIN)/2, f(XIN)/8 or f(XIN)/16.
q Interrupt
The underflow interrupt is the same as the timer event count
mode. The INT0 interrupt request bit (b0) or INT1 interrupt re-
quest bit (b1) of IREQ2 is set to “1” by detecting an active edge
of the INT pin.
q Explanation of Operation
This operation is the same as that of the timer event count
mode, except that a timer outputs the level of the value set in
the output level latch (b4) of TXM or TYM from the CNTR0/
CNTR1 pin each time the timer underflows. After the timer
underflows, if the values of the output level latch and timer latch
are changed, the timer can output an optional waveform from
the CNTR0/CNTR1 pin. In this mode, set the port in common
with the CNTR0/CNTR1 pin as an output port.
In this mode, if the trigger selection bit of TXM or TYM is set to
“1” and the count stop control bit of TXYCON is set to “0” (count
operation), a timer can be started concurrently with the occur-
rence of a trigger (input signal of INT0/INT1 pin).
A timer starting trigger is set in the INT0 edge selection bit (b0)
or INT1 edge selection bit (b1) of EG. At “0”, the falling edge is
active. At “1”, the rising edge is active. When the count stop
control bit is “1” (count status), a timer is not started at the oc-
currence of a trigger.
Figure 23 shows a timing diagram in the programmable wave-
form generation mode.
(6) Programmable One-Shot Output Mode
q Mode Selection
This mode is selected by setting b2, b1 and b0 of TXM or TYM
to “101”.
q Count Source Selection
The count source is f(XIN)/2, f(XIN)/8 or f(XIN)/16.
q Interrupt
The underflow interrupt is the same as the timer event count
mode. One-shot output trigger is set in the INT0 edge selection
bit (b0) or INT1 edge selection bit (b1) of EG. At “0”, the falling
edge is active. At “1”, the rising edge is active. The INT0 inter-
rupt request bit (b0) or INT1 interrupt request bit (b1) of IREQ2
is set to “1” by detecting an active edge of the INT pin.
q Explanation of Operation
Œ In case of One-shot Output “H”
(b2, b3 of EG = “0”)
While a timer operation stops
The output level of the CNTR0/CNTR1 pin is initialized to “L” at
mode selection. Set the one-shot width in TXH, TXL, TYH and
TYL. While a timer operation stops, a trigger (input signal of
INT0/INT1 pin) cannot occur.
While a timer operation is enabled
At detecting a trigger, a timer outputs “H” from the CNTR0/
CNTR1 pin, and outputs “L” at a timer underflow.
 In Case of One-shot Output “L”
(b2, b3 of EG = “1”)
While a timer operation stops
The output level of the CNTR0/CNTR1 pin is initialized to “H” at
mode selection. Set the one-shot width in TXH, TXL, TYH and
TYL. While a timer operation stops, a trigger (input signal of the
INT0/INT1 pin) cannot occur.
While a timer operation is enabled
At the detection of a trigger, a timer outputs “L” from the CNTR0/
CNTR1 pin and outputs “H” at a timer underflow.
In this mode, set the port in common with the CNTR0/CNTR1
pin as an output port.
s Note
q Input a trigger width over 250 ns to the INT0/INT1 pin.
q If the value of the CNTR0 edge selection bit or CNTR1 edge se-
lection bit is changed while one-shot output is enabled or
one-shot output occurs, the output level from the CNTR0/
CNTR1 pin changes.
Figure 24 shows a timing diagram in the programmable one-
shot output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com