Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 16Page - Renesas Technology Corp 7480 Datasheet HTML 17Page - Renesas Technology Corp 7480 Datasheet HTML 18Page - Renesas Technology Corp 7480 Datasheet HTML 19Page - Renesas Technology Corp 7480 Datasheet HTML 20Page - Renesas Technology Corp 7480 Datasheet HTML 21Page - Renesas Technology Corp 7480 Datasheet HTML 22Page - Renesas Technology Corp 7480 Datasheet HTML 23Page - Renesas Technology Corp 7480 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
19
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 16 Structure of registers related to interrupts
b7
b0
Edge polarity selection register (EG : address 00D4 16)
Interrupt control register 1 (ICON1: address 00FE 16)
b7
b0
Interrupt control register 2 (ICON2: address 00FF16)
Interrupt request register 1 (IREQ1: address 00FC16)
Interrupt request register 2 (IREQ2: address 00FD16)
b7
b0
b7
b0
b7
b0
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Serial I/O receive interrupt enable bit
Serial I/O transmit interrupt enable bit
Bus arbitration interrupt enable bit
A-D conversion completion interrupt enable bit
Timer X interrupt request bit
Timer Y interrupt request bit
Timer 1 interrupt request bit
Timer 2 interrupt request bit
Serial I/O receive interrupt request bit
Serial I/O transmit interrupt request bit
Bus arbitration interrupt request bit
A-D conversion completion interrupt request bit
INT0 interrupt enable bit
INT1 interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
0 : Interrupt disable
1 : Interrupt enable
INT0 interrupt request bit
INT1 interrupt request bit
CNTR0 interrupt request bit
CNTR1 interrupt request bit
0 : No interrupt request
1 : Interrupt request
INT0 selection bit
0 : Falling edge
1 : Rising edge
INT1 selection bit
0 : Falling edge
1 : Rising edge
CNTR0 edge selection bit
0 : In event count mode, count rising edge.
: In pulse output mode, start at “H” level output.
: In pulse cycle measurement mode, measure a period from falling edge to falling edge.
: In pulse width measurement mode, measure an “H” period.
: In programmable one-shot output mode, generate one-shot “H” pulse after start at “L” output.
: Interrupt, falling edge active.
1 : In event count mode, count falling edge.
: In pulse output mode, start at “L” level output.
: In pulse cycle measurement mode, measure a period from rising edge to rising edge.
: In pulse width measurement mode, measure an “L” period.
: In programmable one-shot output mode, generate one-shot “L” pulse after start at “H” level output.
: Interrupt, rising edge active.
CNTR1 edge selection bit
0 : In event count mode, count rising edge.
: In pulse output mode, start at “H” level output.
: In pulse cycle measurement mode, measure a period from falling edge to falling edge.
: In pulse width measurement mode, measure an “H” period.
: In programmable one-shot output mode, generate one-shot “H” pulse after start at “L” level output.
: Interrupt, falling edge active.
1 : In event count mode, count falling edge.
: In pulse output mode, start at “L” output.
: In pulse cycle measurement mode, measure a period from rising edge to rising edge.
: In pulse width measurement mode, measure an “L” period.
: In programmable one-shot output mode, generate one-shot “L” pulse after start at “H” output.
: Interrupt rising edge active.
INT1 source selection bit at STP or WIT
0 : P31/INT1
1 : P00 – P07 “L” level (for key-on wake-up)
Not used (undefined at read)
Not used (undefined at read)
0 : Interrupt disabled
1 : Interrupt enabled
0 : No interrupt request
1 : Interrupt requested
Not used (undefined at read)
Not used (undefined at read)
0 : Interrupt disabled
1 : Interrupt enabled
0 : No interrupt request
1 : Interrupt requested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com