Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 7Page - Renesas Technology Corp 7480 Datasheet HTML 8Page - Renesas Technology Corp 7480 Datasheet HTML 9Page - Renesas Technology Corp 7480 Datasheet HTML 10Page - Renesas Technology Corp 7480 Datasheet HTML 11Page - Renesas Technology Corp 7480 Datasheet HTML 12Page - Renesas Technology Corp 7480 Datasheet HTML 13Page - Renesas Technology Corp 7480 Datasheet HTML 14Page - Renesas Technology Corp 7480 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
10
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
CPU Mode Register
The stack page selection bit is assigned to the CPU mode regis-
ter. This register is allocated at address 00FB16.
Fig. 7 Structure of CPU mode register
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7480/7481 group uses the standard 740 family CPU. Refer to
the table of 740 family addressing modes and machine instruc-
tions or the MELPS 740 programming manual for details on the
instruction set.
Machine-resident 740 family instructions are as follows:
1. The FST and SLW instructions are not available.
2. The MUL and DIV instructions are available.
3. The WIT instruction is available. (Note)
4. The STP instruction is available. (Note)
Note: When using these instructions, refer to the corresponding
chapter “STP and WIT instruction control” below.
CPU mode register (CPUM: address 00FB16)
b7
b0
Stack page selection bit (Note)
0
:
Page 0
1
:
Page 1
System clock division proportion selection bit
0
:
f = f(XIN)/2 (high-speed mode)
1
:
f = f(XIN)/8 (medium-speed mode)
Not used.
These bits must always be set to “0”.
Watchdog timer L count source selection bit
0
:
f(XIN)/8
1
:
f(XIN)/16
Note : In the models of RAM size under 192 bytes, set this bit to “0”.
Not used (undefined at read)
Not used (undefined at read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com