Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 39Page - Renesas Technology Corp 7480 Datasheet HTML 40Page - Renesas Technology Corp 7480 Datasheet HTML 41Page - Renesas Technology Corp 7480 Datasheet HTML 42Page - Renesas Technology Corp 7480 Datasheet HTML 43Page - Renesas Technology Corp 7480 Datasheet HTML 44Page - Renesas Technology Corp 7480 Datasheet HTML 45Page - Renesas Technology Corp 7480 Datasheet HTML 46Page - Renesas Technology Corp 7480 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
42
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Clock Generating Circuit
The 7480/7481 group is provided with a built-in oscillation circuit.
An oscillation circuit can be formed by connecting a resonator be-
tween XIN and XOUT. Use the manufacturer's recommended
values for constants such as capacitance, which will differ de-
pending on each resonator. The 7480/7481 group has a built-in
feedback resistor between the XIN and XOUT pins, so an external
resistor can be omitted.
q Frequency Control
(1) High-speed Mode
The frequency applied to the clock input pin XIN divided by 2 is
used as the internal clock
φ. This mode is set after reset release.
(2) Medium-speed Mode
The frequency applied to the clock input pin XIN divided by 8 is
used as the internal clock
φ.
q Oscillation Frequency
(1) Stop Mode
If the STP instruction is executed, the internal clock
φ stops at an
“H” level, and the oscillator stops. At this time, timer 1 is set to
“FF16,” and f(XIN)/8 is forcibly connected to the count source of
timer 1. Accordingly, set the timer 1 interrupt enable bit to the dis-
able status (“0”) before execution of the STP instruction.
When a reset or an external interrupt is accepted, oscillation is re-
started, but the internal clock
φ is supplied to the CPU after timer
1 underflows. This is because when an external resonator is used,
some time is required until a start of oscillation.
(2) Wait Mode
If the WIT instruction is executed, the internal clock
φ stops at an
“H” level. But, the oscillator does not stop. When a reset or inter-
rupt is accepted, the stop status is released. The microcomputer
can execute any instruction immediately, because the oscillator
does not stop.
Fig. 44 External circuit of ceramic resonator
Fig. 45 External clock input circuit
XIN
XOUT
COUT
CIN
Rd
XIN
XOUT
External oscillation
circuit
Open
VCC
VSS
Duty ratio 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com