Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7480 Datasheet HTML 1Page - Renesas Technology Corp 7480 Datasheet HTML 2Page - Renesas Technology Corp 7480 Datasheet HTML 3Page - Renesas Technology Corp 7480 Datasheet HTML 4Page - Renesas Technology Corp 7480 Datasheet HTML 5Page - Renesas Technology Corp 7480 Datasheet HTML 6Page - Renesas Technology Corp 7480 Datasheet HTML 7Page - Renesas Technology Corp 7480 Datasheet HTML 8Page - Renesas Technology Corp 7480 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
4
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 3 ROM/RAM development schedule
Note: Regarding the models being developed and planned, the development schedule may be reviewed. In case of the models be-
ing planned, the development of them may be stopped.
7480/7481 GROUP ROM/RAM DEVELOPMENT SCHEDULE
ROM size
(bytes)
16K
12K
8K
4K
128
256
384
448
0
M37480M2T-XXXSP/FP
M37481M2T-XXXSP/FP
M37480M4-XXXSP/FP
M37480M4T-XXXSP/FP
M37481M4-XXXSP/FP
M37481M4T-XXXSP/FP
M37480M8/E8-XXXSP/FP
M37481M8/E8-XXXSP/FP
M37481E8SS
M37480M8T/E8T-XXXSP/FP
M37481M8T/E8T-XXXSP/FP
: Being developed
: Being planned
RAM size
(bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com