Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7480 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7480
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7480 Datasheet HTML 49Page - Renesas Technology Corp 7480 Datasheet HTML 50Page - Renesas Technology Corp 7480 Datasheet HTML 51Page - Renesas Technology Corp 7480 Datasheet HTML 52Page - Renesas Technology Corp 7480 Datasheet HTML 53Page - Renesas Technology Corp 7480 Datasheet HTML 54Page - Renesas Technology Corp 7480 Datasheet HTML 55Page - Renesas Technology Corp 7480 Datasheet HTML 56Page - Renesas Technology Corp 7480 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
52
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Power source voltage
Power source voltage
“H” input voltage P00 – P07, P10 – P17
“H” input voltage P20 – P23
“H” input voltage P30 – P33
“H” input voltage P40 – P41 (Note 4)
_____
“H” input voltage XIN, RESET
“L” input voltage P00 – P07, P10 – P17
“L” input voltage P20 – P23
“L” input voltage P30 – P33
“L” input voltage P40 – P41
“L” input voltage XIN
_____
“L” input voltage RESET
Input current P40 – P41 (Note 4) VI > VCC
“H” sum output current P00 – P07
“H” sum output current P10 – P17
“L” sum output current P00 – P07, P40 – P41
“L” sum output current P10 – P17
“H” peak output current P00 – P07, P10 – P17
“L” peak output current P00 – P07, P10 – P17, P40 – P41
“H” average output current P00 – P07, P10 – P17 (Note 2)
“L” average output current P00 – P07, P10 – P17, P40 – P41 (Note 2)
M37480M4/M8/E8-XXXSP/FP, M37480M2T/M4T/M8T/E8T-XXXSP/FP
ABSOLUTE MAXIMUM RATINGS (7480 Group)
Table 8. Absolute maximum ratings
V
V
V
mW
°C
°C
VCC
VI
VO
Pd
Topr
Tstg
Power source voltage
Input voltage
Output voltage
Power dissipation
Operating temperature range
Storage temperature
–0.3 to 7
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
1000 (Note 1)
–20 to 85 (Note 2)
–40 to 150 (Note 3)
Unit
Symbol
Parameter
Condition
Rated value
All voltages are measured on the basis
of the VSS pin.
Output transistors are cut off.
Ta = 25 °C
Notes 1 : 500 mW for 32P2W-A package type.
2 : –40 to 85 °C for extended operating temperature range version.
3 : –65 to 150 °C for extended operating temperature range version.
RECOMMENDED OPERATING CONDITIONS (7480 Group)
(VCC = 2.7 to 5.5 V, V SS = 0 V, Ta = –20 to 85°C (Note 1) unless otherwise specified)
Table 9. Recommended operating conditions
2.7
4.5
0.8 VCC
0.7 VCC
0.8 VCC
0.9 VCC
0.8 VCC
0.9 VCC
0.8 VCC
0
0
0
0
0
0
0
0
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
4.5
5.5
VCC
VCC
VCC
VCC
VCC
VCC
VCC
0.2 VCC
0.25 VCC
0.4 VCC
0.3 VCC
0.4 VCC
0.3 VCC
0.16 VCC
0.12 VCC
1
– 30
– 30
60
60
– 10
20
– 5
10
3
5
0
VCC
VSS
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
VIL
II
IOH(sum)
IOH(sum)
IOL(sum)
IOL(sum)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(XIN) = (2.2VCC – 2) MHz
f(XIN) = 8 MHz
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
VCC = 4.5 to 5.5 V
VCC = 2.7 to 4.5 V
Symbol
Parameter
Standard values
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com